Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5420-060-A-P-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM5420-060-A-P-T
Description  Low-Cost, SO-8 Packaged Pressure Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM5420-060-A-P-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5420-060-A-P-T Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5420-060-A-P-T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON
MICROSTRUCTURES
INCORPORAT ED
 2004 - 2005
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@si-micro.com ♦ www.si-micro.com
SM5420
Low-Cost,
SO-8 Packaged Pressure Sensor
• For High-Volume Applications
• Ultra-Small, Low Cost OEM Pressure Package
DESCRIPTION
The SM5420 is a small outline SO-8 packaged
pressure sensor. The sensor uses SMI’s
SM5108 micromachined, piezoresistive
pressure sensing chip that has been optimized
to provide the highest possible accuracy for a
package of this size. This performance is
achieved through careful resistor placement
and mechanical configuration along with
advanced MEMS processing.
This sensor is intended for high volume
applications where cost is a critical factor,
such as consumer tire pressure gauges or
automotive tire pressure monitoring. The
SM5420 is available as an absolute pressure
sensor in full-scale ranges of 15 PSI, 30 PSI,
60 PSI, and 100 PSI. It is designed to be
surface-mounted on ceramic or PC board
substrates by high-volume OEM
manufacturers.
The SM5420 is available in a ported
configuration to allow positive positioning of a
pressure source over the inlet or in a non-
ported configuration to be used for sensing
general environmental pressures or with an o-
ring seal. The port position has been chosen
to minimize the chance of pressure pulses
directly impacting the face of the sensor die for
added long-term reliability in hostile
environments. The part comes with gel over
the die as standard; the part can be ordered
without gel in high volumes where the
maximum stability is required, such as in
barometric, weather station sensing
applications. Please contact SMI for more
information.
The SM5420 is shipped either in IC tubes or in
tape-and-reel.
Custom pressure ranges are available in high-
volume applications.
Minimum order quantities apply to this
product.
FEATURES
Available in 15 PSI, 30 PSI, 60 PSI, and
100 PSI ranges
Wide Temperature range (-40 to +125
oC)
Suitable for Automated Assembly
Extremely Low Cost
Small foot-print (0.16 in X 0.20 in)
package
Constant Current or Constant Voltage
Drive
High millivolt Output
APPLICATIONS
Automotive Tire Pressure Monitoring
Engine Control
Barometric Sensing
Altitude Correction Detection
Pneumatic Gauges
Hand-held Meters
Home Appliances
Rev 1.2 4_05


Similar Part No. - SM5420-060-A-P-T

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-030-A-H-T SMI-SM5420E-030-A-H-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-030-A-P-T SMI-SM5420E-030-A-P-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-060-A-H-T SMI-SM5420E-060-A-H-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-060-A-P-T SMI-SM5420E-060-A-P-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
More results

Similar Description - SM5420-060-A-P-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5430 ETC2-SM5430 Datasheet
396Kb / 4P
   Low Cost Packaged Pressure Sensors
logo
Amphenol Corporation
NPI-301 AMPHENOL-NPI-301 Datasheet
60Kb / 4P
   Low-cost surface mount package: SO-8
logo
Silicon Microstructures...
SM9D SMI-SM9D Datasheet
934Kb / 9P
   Uncompensated SO-16 Pressure Sensor
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
logo
Silicon Microstructures...
SM5331-BCE-S-010-000 SMI-SM5331-BCE-S-010-000 Datasheet
682Kb / 7P
   Low Pressure Digital Sensor
SM6231-BCE-S-005-001 SMI-SM6231-BCE-S-005-001 Datasheet
682Kb / 7P
   Low Pressure Digital Sensor
SM7331-BCE-S-001-001 SMI-SM7331-BCE-S-001-001 Datasheet
681Kb / 7P
   Low Pressure Digital Sensor
SM7331-BCE-S-010-000 SMI-SM7331-BCE-S-010-000 Datasheet
695Kb / 7P
   Low Pressure Digital Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com