Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HD1X1B533F-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HD1X1B533F-TRB
Description  Super Red ,Hi-Eff Green and Super Blue Suitable for all SMT assembly methods.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HD1X1B533F-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-HD1X1B533F-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-HD1X1B533F-TRB Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HD
D1
1X
X1
1B
B5
53
33
3F
F--T
TR
RB
B
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Color
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
IF=20mA
Super Red
Hi-Eff Green
Super Blue
-
2.0
2.0
3.2
2.6
2.6
3.6
V
Luminous Intensity
Iv
IF=20mA
Super Red
Hi-Eff Green
Super Blue
12.3
5.5
28
25
12
50
-
mcd
Reverse Current
IR
VR=5V
Super Red
Hi-Eff Green
Super Blue
-
-
100
100
1
µA
Peak Wave Length
λ
p
IF=20mA
Super Red
Hi-Eff Green
Super Blue
-
660
568
470
-
nm
Dominant Wave Length
λ
d
IF=20mA
Super Red
Hi-Eff Green
Super Blue
638
566
465
-
648
576
470
nm
Spectral Line Half-width
Δλ
IF=20mA
Super Red
Hi-Eff Green
Super Blue
-
20
30
30
-
nm
Veiwing Angle
1/2
IF=20mA
Super Red
Hi-Eff Green
Super Blue
-
120
-
deg
Typical Electro-Optical Characteristics Curves
Ambient temperature Ta( C)
700
500
400
600
Forward current (mA)
0
520
10
0.5
1.0
30
40
50
Wavelength (nm)
Fig.3 Forward current vs. forward voltage
Forward voltage(V)
Fig.5 Relative luminous intensity vs. forward current
1.5
2.0
2
1
0
10
20
30
40
50
(B)
(G,R)
Fig.6 Radiation diagram
-40
5
34
0
0.5
60
40
0
-20
20
Ambient temperature Ta( C)
A
2.5
1.0
1.5
2.0
(R,G)
3.0
Fig.4 Relative luminous intensity vs.
ambient temperature
Fig.1 Relative intensity vs. wavelength
0
0.5
1.0
(B)
(G)
30
10
10
0
20
20
60
40
100
80
40
50
60
(R)
Fig.2 Forward current derating curve
vs. ambient temperature
0.5
0.7
0.8
0.3
0.1
0.2
0.4
10
20
0
0.9
1.0
90
0.6
80
60
70
50
40
30
(B)
Ver.1.0
Page 2 of 8


Similar Part No. - BL-HD1X1B533F-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HD1X1B533F-TRB AMERICANBRIGHT-BL-HD1X1B533F-TRB Datasheet
327Kb / 8P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HD1X1B533F-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HD1X1B433T-TRB BRIGHT-BL-HD1X1B433T-TRB Datasheet
315Kb / 8P
   Super Red, Hi-Eff Green and Super Blue Suitable for all SMT assembly methods.
BL-HD1X134B-TRB BRIGHT-BL-HD1X134B-TRB Datasheet
265Kb / 5P
   super red and Hi-Eff Green Suitable for all SMT assembly methods.
BL-HD1X133B-TRB BRIGHT-BL-HD1X133B-TRB Datasheet
230Kb / 7P
   Super Red and Hi-Eff Green Suitable for all SMT assembly methods.
BL-HD1X133-TRB BRIGHT-BL-HD1X133-TRB Datasheet
306Kb / 7P
   Super Red and Hi-Eff Green Suitable for all SMT assembly methods.
BL-HD1X1KB33T-TRB BRIGHT-BL-HD1X1KB33T-TRB Datasheet
225Kb / 7P
   Super Red ,Hi-Eff Green and Super Yellow Suitable for all SMT assembly methods.
BL-HE1G034B-TRB BRIGHT-BL-HE1G034B-TRB Datasheet
285Kb / 7P
   Hi-Eff Red and Suitable for all SMT assembly methods.
BL-HE133A-TRB BRIGHT-BL-HE133A-TRB Datasheet
221Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE134C-TRB BRIGHT-BL-HE134C-TRB Datasheet
210Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE133-TRB BRIGHT-BL-HE133-TRB Datasheet
228Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE134A-TRB BRIGHT-BL-HE134A-TRB Datasheet
213Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com