Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3999ITLX-3.0NOPB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3999ITLX-3.0NOPB
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999ITLX-3.0NOPB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3999ITLX-3.0NOPB Datasheet HTML 7Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 8Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 9Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 10Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 11Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 12Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 13Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 14Page - National Semiconductor (TI) LP3999ITLX-3.0NOPB Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical Performance Characteristics Unless otherwise specified, C
IN =COUT = 1.0 µF Ceramic, VIN
=V
OUT + 1.0V, TA = 25˚C, Enable pin is tied to VIN. (Continued)
Enable Start-Up Time (V
OUT = 1.5V)
Enable Start-Up Time (V
OUT = 1.5V)
20052032
20052033
Load Transient Response (V
OUT = 1.8V)
Load Transient Response (V
OUT = 1.5V)
20052022
20052021
Output Noise Density V
IN = 4.2V VOUT = 2.5V)
20052034
www.national.com
11


Similar Part No. - LP3999ITLX-3.0NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999ITLX-3.0NOPB NSC-LP3999ITLX-3.0NOPB Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results

Similar Description - LP3999ITLX-3.0NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Texas Instruments
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com