Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HE133A-TRB Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HE133A-TRB
Description  Hi-Eff Red Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HE133A-TRB Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-HE133A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HE
E1
13
33
3A
A--T
TR
RB
B
SINCE 1981
Features:
1. Emitted Color : Hi-Eff Red
2. Lens Appearance : Water Clear.
3. Mono-color type.
4. 3.2x1.6x1.4mm(1206) standard package.
5. Suitable for all SMT assembly methods.
6. Compatible with infrared and vapor phase
reflow solder process.
7. Compatible with automatic placement
equipment.
8. This product doesn’t contain restriction
Substance, comply ROHS standard.
Applications:
1.
Automotive : Dashboards, stop lamps,
turn signals.
2.
Backlighting : LCDs, Key pads advertising.
3.
Status indicators : Comsumer & industrial
electronics.
4. General use.
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current *1
IFP
100
mA
Reverse Volage
VR
5
V
Operating Temperature
Topr
-25℃~80℃
-
Storage Temperature
Tstg
-30℃~85℃
-
Soldering Temperature
Tsol
See Page6
-
*1 Condition for IFP is pulse of 1/10 duty and 0.1msec width.
Package Dimensions:
NOTES:
1.All dimensions are in millimeters (inches).
2.Tolerance is ±0.10mm (0.004”) unless otherwise specified.
3.Specifications are subject to change without notice.
Ver.1.0
Page 1 of 7


Similar Part No. - BL-HE133A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HE133A-TRB AMERICANBRIGHT-BL-HE133A-TRB Datasheet
226Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HE133A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HE134C-TRB BRIGHT-BL-HE134C-TRB Datasheet
210Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE133-TRB BRIGHT-BL-HE133-TRB Datasheet
228Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE134A-TRB BRIGHT-BL-HE134A-TRB Datasheet
213Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE136D-TRB BRIGHT-BL-HE136D-TRB Datasheet
216Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE135A-TRB BRIGHT-BL-HE135A-TRB Datasheet
202Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE1G034B-TRB BRIGHT-BL-HE1G034B-TRB Datasheet
285Kb / 7P
   Hi-Eff Red and Suitable for all SMT assembly methods.
BL-HE1Y033B-TRB BRIGHT-BL-HE1Y033B-TRB Datasheet
230Kb / 7P
   Hi-Eff Red and Yellow Suitable for all SMT assembly methods.
BL-HX136D-TRB BRIGHT-BL-HX136D-TRB Datasheet
271Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
BL-HX134A-TRB BRIGHT-BL-HX134A-TRB Datasheet
228Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
BL-HX133A-TRB BRIGHT-BL-HX133A-TRB Datasheet
215Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com