Electronic Components Datasheet Search |
|
LP3999ILD-1.6 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
LP3999ILD-1.6 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 15 page LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications General Description The LP3999 regulator is designed to meet the requirements of portable wireless battery-powered applications and will provide an accurate output voltage with low noise and low quiescent current. Ideally suited for powering RF/Analog devices this device will also be used to meet more general circuit requirements. For battery powered applications the low dropout and low ground current provided by the device allows the lifetime of the battery to be maximized.The inclusion of an Enable(dis- able) control can be used by the system to further extend the battery lifetime by reducing the power consumption to virtu- ally zero. Should the application require a device with an active disable function please refer to device LP3995. The LP3999 also features internal protection against short- circuit currents and over-temperature conditions. The LP3999 is designed to be stable with small 1.0 µF ceramic capacitors. The small outline of the LP3999 micro SMD package with the required ceramic capacitors can realize a system application within minimal board area. Performance is specified for a −40˚C to +125˚C temperature range. The device is available in micro SMD package and LLP package. For other package options contact your local NSC sales office. The device is available in fixed output voltages in the ranges of 1.5V to 3.3V. For availability, please contact your local NSC sales office. Key Specifications n 2.5V to 6.0V Input Range n Accurate Output Voltage; ±75mV / 2% n 60 mV Typical Dropout with 150 mA Load. V out > 2.5V n Virtually Zero Quiescent Current when Disabled n 10 µVrms output noise over 10Hz to 100kHz n Stable witha1µF Output Capacitor n Guaranteed 150 mA Output Current n Fast Turn-on Time; 140 µs (Typ.) Features n 5 pin micro SMD Package n 6 pin LLP Package n Stable with Ceramic Capacitor n Logic Controlled Enable n Fast Turn-on n Thermal-overload and short-circuit protection n −40 to +125˚C junction temperature range for operation Applications n GSM Portable Phones n CDMA Cellular Handsets n Wideband CDMA Cellular Handsets n Bluetooth Devices n Portable Information Appliances n Handheld MP3 Devices Typical Application Circuit 20052001 December 2003 © 2003 National Semiconductor Corporation DS200520 www.national.com |
Similar Part No. - LP3999ILD-1.6 |
|
Similar Description - LP3999ILD-1.6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |