Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HG433A-TRB Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HG433A-TRB
Description  Bluish Green Suitable for all SMT assembly methods.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HG433A-TRB Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-HG433A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HG433A-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HG
G4
43
33
3A
A--T
TR
RB
B
SINCE 1981
● Bin Limits
Intensit y Bin Limits (At 20mA)
BIN C O D E
Min. (m c d )
Max . (m cd)
Q
94. 0
16 0. 0
R
14 0. 0
24 0. 0
S
21 0. 0
36 0. 0
T
31 7. 0
55 0. 0
To lerance for each Bin lim it is ± 15 %
Color Bin Limits (At 20mA)
BIN C O D E
Min. (n m )
Max . (n m)
2
50 0
50 5
3
50 5
51 0
To ler a n c e f o r e ach Bin lim it is ± 1
VF Bin Limits (At 20mA)
BIN C O D E
Min.(v )
Max . (v)
J
2. 8
3.0
K
3.0
3.2
L
3.2
3.4
M
3.4
3.6
To lerance for each Bin lim it is ± 0.05
BI N : x
x
x
V F BIN CODE
Co lor BIN CODE
In tensity BIN CODE
Ver.1.1
Page 4 of 7


Similar Part No. - BL-HG433A-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HG433A YSTONE-BL-HG433A Datasheet
445Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HG433A YSTONE-BL-HG433A Datasheet
538Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results

Similar Description - BL-HG433A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HG434A-TRB BRIGHT-BL-HG434A-TRB Datasheet
210Kb / 7P
   Bluish Green Suitable for all SMT assembly methods.
BL-HG436A-TRB BRIGHT-BL-HG436A-TRB Datasheet
236Kb / 8P
   Bluish Green Suitable for all SMT assembly methods.
BL-HG635A-TRB BRIGHT-BL-HG635A-TRB Datasheet
192Kb / 6P
   Green Suitable for all SMT assembly methods.
BL-HG636A-TRB BRIGHT-BL-HG636A-TRB Datasheet
234Kb / 8P
   Green Suitable for all SMT assembly methods.
BL-HD1G4B433T-TRB BRIGHT-BL-HD1G4B433T-TRB Datasheet
322Kb / 8P
   Super Red, Bluish Green and Super Blue Suitable for all SMT assembly methods.
BL-HW134A-TRB BRIGHT-BL-HW134A-TRB Datasheet
209Kb / 8P
   Pure Green Suitable for all SMT assembly methods.
BL-HW134C-TRB BRIGHT-BL-HW134C-TRB Datasheet
291Kb / 7P
   Pure Green Suitable for all SMT assembly methods.
BL-HW135A-TRB BRIGHT-BL-HW135A-TRB Datasheet
261Kb / 7P
   Pure Green Suitable for all SMT assembly methods.
BL-HG034C-TRB BRIGHT-BL-HG034C-TRB Datasheet
235Kb / 7P
   Yellow Green Suitable for all SMT assembly methods.
BL-HG036D-TRB BRIGHT-BL-HG036D-TRB Datasheet
219Kb / 7P
   Yellow Green Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com