Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HG636A-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HG636A-TRB
Description  Green Suitable for all SMT assembly methods.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HG636A-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-HG636A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HG636A-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HG
G6
63
36
6A
A--T
TR
RB
B
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
IF=20mA
-
3.2
3.6
V
Luminous Intensity
Iv
IF=20mA
94
180
-
mcd
Reverse Current
IR
VR=5V
-
-
1
µA
Peak Wave Length
λ
p
IF=20mA
-
525
-
nm
Dominant Wave Length
λ
d
IF=20mA
520
-
535
nm
Spectral Line Half-width
Δλ
IF=20mA
-
30
-
nm
Veiwing Angle
1/2
IF=20mA
-
120
-
deg
● Typical Electro-Optical Characteristics Curves
Forward current (mA)
0
10
1.0
0.5
20
30
40
4
2
13
vs. forward current
Fig.5 Relative luminous intensity
Forward voltage(V)
2.0
1.5
50
-40
5
0
0.5
1.0
1.5
2.0
2.5
60
20
0
-20
40
Ambient temperature Ta( C)
Fig.6 Radiation diagram
Fig.1 Relative intensity vs. wavelength
Fig.3 Forward current vs. forward voltage
0
475
Wavelength (nm)
525
0.5
1.0
575
3.0
0
10
10
20
50
30
40
60
Ambient temperature Ta( C)
ambient temperature
Fig.4 Relative luminous intensity vs.
20
40
60
80
100
vs. ambient temperature
Fig.2 Forward current derating curve
1
20
0
10
30
40
2
345
50
0.1
0.5
0.3
0.7
0.8
0.6
0.2
0.4
90
80
60
70
0.9
1.0
10
20
0
50
40
30
Ver.2.2
Page 2 of 7


Similar Part No. - BL-HG636A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HG636A-TRB AMERICANBRIGHT-BL-HG636A-TRB Datasheet
301Kb / 8P
   Top Emitting SMT LED Components
Ver.1.0
BL-HG636A-TRB-EP AMERICANBRIGHT-BL-HG636A-TRB-EP Datasheet
256Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HG636A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HG635A-TRB BRIGHT-BL-HG635A-TRB Datasheet
192Kb / 6P
   Green Suitable for all SMT assembly methods.
BL-HW134A-TRB BRIGHT-BL-HW134A-TRB Datasheet
209Kb / 8P
   Pure Green Suitable for all SMT assembly methods.
BL-HG434A-TRB BRIGHT-BL-HG434A-TRB Datasheet
210Kb / 7P
   Bluish Green Suitable for all SMT assembly methods.
BL-HG436A-TRB BRIGHT-BL-HG436A-TRB Datasheet
236Kb / 8P
   Bluish Green Suitable for all SMT assembly methods.
BL-HW134C-TRB BRIGHT-BL-HW134C-TRB Datasheet
291Kb / 7P
   Pure Green Suitable for all SMT assembly methods.
BL-HW135A-TRB BRIGHT-BL-HW135A-TRB Datasheet
261Kb / 7P
   Pure Green Suitable for all SMT assembly methods.
BL-HG034C-TRB BRIGHT-BL-HG034C-TRB Datasheet
235Kb / 7P
   Yellow Green Suitable for all SMT assembly methods.
BL-HG036D-TRB BRIGHT-BL-HG036D-TRB Datasheet
219Kb / 7P
   Yellow Green Suitable for all SMT assembly methods.
BL-HG034A-TRB BRIGHT-BL-HG034A-TRB Datasheet
301Kb / 7P
   Yellow Green Suitable for all SMT assembly methods.
BL-HG033-TRB BRIGHT-BL-HG033-TRB Datasheet
296Kb / 7P
   Yellow Green Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com