Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF2H-3415-1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2H-3415-1
Description  0.5 mm-Pitch Rotary-Lock FPC Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2H-3415-1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2H-3415-1 Datasheet HTML 1Page - Omron Electronics LLC XF2H-3415-1 Datasheet HTML 2Page - Omron Electronics LLC XF2H-3415-1 Datasheet HTML 3Page - Omron Electronics LLC XF2H-3415-1 Datasheet HTML 4Page - Omron Electronics LLC XF2H-3415-1 Datasheet HTML 5Page - Omron Electronics LLC XF2H-3415-1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XF2H
XF2H
2
Specifications
Rated current
0.5 A
Rated voltage
50 VDC
Contact resistance
30 MΩ max. at 20 mVDC, 100 mA max.
Insulation resistance
100 MΩ min. at 250 VDC
Withstand voltage
250 VAC for 1 minute (with a leakage current of 1 mA max.)
Insertion tolerance
20 times
Ambient temperature
--30°Cto 85°C(--22°F to 185°F); no condensation at low temperatures
J
MATERIALS/FINISH
Housing
PA46 resin (UL94V-0)/natural
Slide lock
LCP resin (UL94V-0)/black
Contact
Copper-alloy/nickel spring substrate (2 µm) plated with tin alloy (2 µm)
Hold-down
Copper-alloy/copper substrate (2 µm) plated with tin alloy (2 µm)


Similar Part No. - XF2H-3415-1

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
   TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
   TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
   2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
   2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
   2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2H-3415-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
   0.5 mm-Pitch Vertical FPC Connector
XF2W OMRON-XF2W Datasheet
259Kb / 4P
   Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF2M OMRON-XF2M Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
logo
Hirose Electric
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
   0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
DDK Ltd.
FF20-8A-R11A DDK-FF20-8A-R11A Datasheet
178Kb / 3P
   0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com