Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10025HR-10 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 10025HR-10
Description  1.00mm P1TCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

10025HR-10 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  10025HR-10 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
10025HR-04
7.7
5.0
3.0
10025HR-05
8.7
6.0
4.0
10025HR-06
9.7
7.0
5.0
10025HR-07
10.7
8.0
6.0
10025HR-08
11.7
9.0
7.0
10025HR-09
12.7
10.0
8.0
10025HR-10
13.7
11.0
9.0
10025HR-11
14.7
12.0
10.0
10025HR-12
15.7
13.0
11.0
10025HR-13
16.7
14.0
12.0
10025HR-14
17.7
15.0
13.0
10025HR-15
18.7
16.0
14.0
10025HR-16
19.7
17.0
15.0
10025HR-17
20.7
18.0
16.0
10025HR-18
21.7
19.0
17.0
10025HR-19
22.7
20.0
18.0
10025HR-20
23.7
21.0
19.0
10025HR-21
24.7
22.0
20.0
10025HR-22
25.7
23.0
21.0
10025HR-23
26.7
24.0
22.0
10025HR-24
27.7
25.0
23.0
10025HR-25
28.7
26.0
24.0
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 50V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
100M
MIN
Applicable Wire
-
Applicable P.C.B
0.8 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03mm
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
-
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
PA6T, UL94V-0
2
TERMINAL
Phosphor Bronze, Tin/Au-plated
3
HOOK
Brass, Tin/Au-plated
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
34
34
34
34
SECTION A - A''
SECTION A - A''
SECTION A - A''
SECTION A - A''
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT (10025HR-NN)
(10025HR-NN)
(10025HR-NN)
(10025HR-NN)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (10025HR-NN)
(10025HR-NN)
(10025HR-NN)
(10025HR-NN)


Similar Part No. - 10025HR-10

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
10025HR YEONHO-10025HR Datasheet
429Kb / 1P
   1.00mm PITCH CONNECTOR
More results

Similar Description - 10025HR-10

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
10022HS-04 YEONHO-10022HS-04_07 Datasheet
570Kb / 1P
   1.00mm P1TCH CONNECTOR
10008HR-03L YEONHO-10008HR-03L Datasheet
1,000Kb / 1P
   1.00mm P1TCH CONNECTOR
05005HS-40EV YEONHO-05005HS-40EV Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05005HS-15F YEONHO-05005HS-15F Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05005HS-20A2 YEONHO-05005HS-20A2 Datasheet
2Mb / 1P
   0.50mm P1TCH CONNECTOR
05002HR-50H YEONHO-05002HR-50H Datasheet
2Mb / 1P
   0.50mm P1TCH CONNECTOR
05003HR-04A02 YEONHO-05003HR-04A02_06 Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05002HR-04K YEONHO-05002HR-04K Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05002HR-45I YEONHO-05002HR-45I Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
05010HR-04C YEONHO-05010HR-04C_06 Datasheet
1Mb / 1P
   0.50mm P1TCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com