Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12517HS-20 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 12517HS-20
Description  1.25mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

12517HS-20 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  12517HS-20 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
1
1
Yeonho
Yeonho
Yeonho
Yeonho Electronics
Electronics
Electronics
Electronics
http://
http://
http://
http://www.yeonho.com
www.yeonho.com
www.yeonho.com
www.yeonho.com
1.25mm
1.25mm
1.25mm
1.25mm
(0.049'') PITCH CONNECTOR
(0.049'') PITCH CONNECTOR
(0.049'') PITCH CONNECTOR
(0.049'') PITCH CONNECTOR
12517HS-NN
FPC/FFC
Connectors
Housing
Phosphor Bronze, Tin-plated
TERMINAL
2
PBT, UL94V-0
HOUSING
1
MATERIAL
MATERIAL
MATERIAL
MATERIAL
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
I/NO
I/NO
I/NO
I/NO
Material
Material
Material
Material
PCB LAYOUT
PCB LAYOUT
PCB LAYOUT
PCB LAYOUT
PCB ASS
PCB ASS
PCB ASS
PCB ASS
‘‘‘‘Y
Y
Y
Y
43.75
46.35
48.65
12517HS-36
42.50
45.10
47.40
12517HS-35
41.25
43.85
46.15
12517HS-34
40.00
42.60
44.90
12517HS-33
38.75
41.35
43.65
12517HS-32
37.50
40.10
42.40
12517HS-31
36.25
38.85
41.15
12517HS-30
35.00
37.60
39.90
12517HS-29
33.75
36.35
38.65
12517HS-28
32.50
35.10
37.40
12517HS-27
31.25
33.85
.36.15
12517HS-26
30.00
32.60
34.90
12517HS-25
28.75
31.35
33.65
12517HS-24
27.50
30.10
32.40
12517HS-23
26.25
28.85
31.15
12517HS-22
25.00
27.60
29.90
12517HS-21
23.75
26.35
28.65
12517HS-20
22.50
25.10
27.40
12517HS-19
21.25
23.85
26.15
12517HS-18
20.00
22.60
24.90
12517HS-17
18.75
21.35
23.65
12517HS-16
17.50
20.10
22.40
12517HS-15
16.25
18.85
21.15
12517HS-14
15.00
17.60
19.90
12517HS-13
13.75
16.35
18.65
12517HS-12
12.50
15.10
17.40
12517HS-11
11.25
13.85
16.15
12517HS-10
10.00
12.60
14.00
12517HS-09
8.75
11.35
13.65
12517HS-08
7.50
10.10
12.40
12517HS-07
6.25
8.85
11.15
12517HS-06
C
C
C
C
B
B
B
B
A
A
A
A
PARTS NO.
PARTS NO.
PARTS NO.
PARTS NO.
Available Pin
Available Pin
Available Pin
Available Pin
IN CASE OF 4CKTS
IN CASE OF 4CKTS
IN CASE OF 4CKTS
IN CASE OF 4CKTS
IN CASE OF MORE THEN 4CKTS
IN CASE OF MORE THEN 4CKTS
IN CASE OF MORE THEN 4CKTS
IN CASE OF MORE THEN 4CKTS
SECTION A
SECTION A
SECTION A
SECTION A A
A
A
A″
″″
SECTION B
SECTION B
SECTION B
SECTION B B
B
B
B″
″″
-
UL FILE NO
-
Crimp Tensile Strength
-
Solder Height
0.3
±0.03mm
Applicable FPC/FFC
1.2 ~ 1.6mm
Applicable P.C.B
-
Applicable Wire
500MΩ MIN
Insulation Resistance
AC250V/1min
Withstanding Voltage
30mΩ MAX
Contact Resistance
-25℃~+85℃
Operating Temperature
AC/DC 1A
Current Rating
AC/DC 250V
Voltage Rating
SPEC
SPEC
SPEC
SPEC
ITEM
ITEM
ITEM
ITEM
Specification
Specification
Specification
Specification


Similar Part No. - 12517HS-20

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12517HS-20A00 YEONHO-12517HS-20A00 Datasheet
373Kb / 1P
   1.25mm PITCH CONNECTOR
More results

Similar Description - 12517HS-20

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR YEONHO-12507WR Datasheet
299Kb / 1P
   1.25mm PITCH CONNECTOR
12511HB YEONHO-12511HB Datasheet
652Kb / 1P
   1.25mm PITCH CONNECTOR
12513HS YEONHO-12513HS Datasheet
350Kb / 1P
   1.25mm PITCH CONNECTOR
12521HS YEONHO-12521HS Datasheet
227Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR-NNL YEONHO-12507WR-NNL Datasheet
392Kb / 1P
   1.25mm PITCH CONNECTOR
12521TS YEONHO-12521TS Datasheet
144Kb / 1P
   1.25mm PITCH CONNECTOR
12516HS-04 YEONHO-12516HS-04_06 Datasheet
1Mb / 1P
   1.25mm PITCH CONNECTOR
12505TS YEONHO-12505TS Datasheet
223Kb / 1P
   1.25mm PITCH CONNECTOR
12505WS YEONHO-12505WS Datasheet
400Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com