Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10024HS-15 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 10024HS-15
Description  1.00mm P3TCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

10024HS-15 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  10024HS-15 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
10024HS-03
6.0
4.0
2.0
10024HS-04
7.0
5.0
3.0
10024HS-05
8.0
6.0
4.0
10024HS-06
9.0
7.0
5.0
10024HS-07
10.0
8.0
6.0
10024HS-08
11.0
9.0
7.0
10024HS-09
12.0
10.0
8.0
10024HS-10
13.0
11.0
9.0
10024HS-11
14.0
12.0
10.0
10024HS-12
15.0
13.0
11.0
10024HS-13
16.0
14.0
12.0
10024HS-14
17.0
15.0
13.0
10024HS-15
18.0
16.0
14.0
10024HS-16
19.0
17.0
15.0
10024HS-17
20.0
18.0
16.0
10024HS-18
21.0
19.0
17.0
10024HS-19
22.0
20.0
18.0
10024HS-20
23.0
21.0
19.0
10024HS-21
24.0
22.0
20.0
10024HS-22
25.0
23.0
21.0
10024HS-23
26.0
24.0
22.0
10024HS-24
27.0
25.0
23.0
10024HS-25
28.0
26.0
24.0
10024HS-26
29.0
27.0
25.0
10024HS-27
30.0
28.0
26.0
10024HS-28
31.0
29.0
27.0
10024HS-29
32.0
30.0
28.0
10024HS-30
33.0
31.0
29.0
10024HS-31
34.0
32.0
30.0
10024HS-32
35.0
33.0
31.0
10024HS-33
36.0
34.0
32.0
10024HS-34
37.0
35.0
33.0
10024HS-35
38.0
36.0
34.0
10024HS-36
39.0
37.0
35.0
10024HS-37
40.0
38.0
36.0
10024HS-38
41.0
39.0
37.0
10024HS-39
42.0
40.0
38.0
10024HS-40
43.0
41.0
39.0
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 50V
Current Rating
AC/DC 0.5A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
100M
MIN
Applicable Wire
-
Applicable P.C.B
0.8 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03mm
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
-
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com 33
33
33
33
SECTION A - A''
SECTION A - A''
SECTION A - A''
SECTION A - A''
PCB
PCB
PCB
PCB LAYOUT (10024HS-NN)
LAYOUT (10024HS-NN)
LAYOUT (10024HS-NN)
LAYOUT (10024HS-NN)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (10024HS-NN)
(10024HS-NN)
(10024HS-NN)
(10024HS-NN)
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
PA46 or PPS, UL94V-0
2
TERMINAL
Phosphor Bronze, Tin-plated


Similar Part No. - 10024HS-15

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
10024HS-15A00 YEONHO-10024HS-15A00 Datasheet
554Kb / 1P
   1.00mm PITCH CONNECTOR
More results

Similar Description - 10024HS-15

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
10027HR-04 YEONHO-10027HR-04 Datasheet
1Mb / 1P
   1.00mm P3TCH CONNECTOR
FCZ100E-SSK YEONHO-FCZ100E-SSK Datasheet
253Kb / 1P
   1.00mm PITCH CONNECTOR
10019HR YEONHO-10019HR Datasheet
431Kb / 1P
   1.00mm PITCH CONNECTOR
10025HR-04 YEONHO-10025HR-04 Datasheet
1Mb / 1P
   1.00mm P1TCH CONNECTOR
10008HR YEONHO-10008HR Datasheet
487Kb / 1P
   1.00mm PITCH CONNECTOR
10023HS YEONHO-10023HS Datasheet
571Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100E-RSK YEONHO-FCZ100E-RSK Datasheet
353Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-RSK YEONHO-FCZ100C-RSK Datasheet
360Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-04RS-K YEONHO-FCZ100C-04RS-K_07 Datasheet
851Kb / 1P
   1.00mm PITCH CONNECTOR
10022HS-04 YEONHO-10022HS-04_07 Datasheet
570Kb / 1P
   1.00mm P1TCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com