Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HZP39M-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HZP39M-TRB
Description  White Mono-color type Suitable for all SMT assembly methods.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HZP39M-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-HZP39M-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HZ
ZP
P3
39
9M
M--T
TR
RB
B
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IPF=350mA
3.2
3.8
4.2
V
Luminous Intensity
Iv
IPF=350mA
15
-
-
cd
Veiwing Angle
1/2
IPF=350mA
-
60
-
deg
x
0.26
0.30
0.32
Chromaticity Coordinates
y
IPF=350mA
0.26
0.30
0.32
-
IPF: test time=100ms.
Typical Electro-Optical Characteristics Curves
Fig.5 Max-Ta Characteristics
100
200
-20
0
50
0
100
150
250
300
50
0.1
0.5
1.0
5
Ta( C)
20
40
60
80
100
IF(mA)
500
1000
5000
Fig.3 IV-IF Characteristics
Fig.1 IF-VF Characteristics
10
2.5
10
100
50
1000
500
2000
4.5
3.0
3.5
VF (V)
4.0
5.0
0.4
0.5
0.7
0.8
0.9
1.0
0.1
0.3
0.2
20
50
-20
100
Fig.6 Radiation diagram
Fig.6 Radiation diagram
Ta( C)
010
40
20
0
60
80
40
0.6
90
80
70
60
50
20
30
100
Fig.2 VF-Ta Characteristics
Fig.4 IV-Ta Characteristics
0
200
3.0
-20
3.6
3.2
3.4
3.8
4.0
Ta( C )
20
40
60
80
IPF=350mA
100
Ver.1.1 Page 2 of 8


Similar Part No. - BL-HZP39M-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
logo
American Bright OPTOELE...
BL-HZB32X-N AMERICANBRIGHT-BL-HZB32X-N Datasheet
331Kb / 10P
   PLCC/Ceramic Based LED Components
Ver.1.2
BL-HZD32X-N AMERICANBRIGHT-BL-HZD32X-N Datasheet
326Kb / 10P
   PLCC/Ceramic Based LED Components
Ver.1.4
BL-HZD32X-P AMERICANBRIGHT-BL-HZD32X-P Datasheet
429Kb / 9P
   PLCC/Ceramic Based LED Components
Ver1.0
BL-HZD32X-W AMERICANBRIGHT-BL-HZD32X-W Datasheet
438Kb / 10P
   PLCC/Ceramic Based LED Components
Ver1.0
More results

Similar Description - BL-HZP39M-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZD39T-TRB BRIGHT-BL-HZD39T-TRB Datasheet
199Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZD39A-TRB BRIGHT-BL-HZD39A-TRB Datasheet
304Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HG033-12V-TRB BRIGHT-BR-HG033-12V-TRB Datasheet
206Kb / 6P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZF39G-TRB BRIGHT-BL-HZF39G-TRB Datasheet
196Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HY033-05V-TRB BRIGHT-BR-HY033-05V-TRB Datasheet
287Kb / 6P
   Yellow Mono-color type Suitable for all SMT assembly methods.
BL-HG536A-TRB BRIGHT-BL-HG536A-TRB Datasheet
225Kb / 8P
   Yellow Green Mono-color type Suitable for all SMT assembly methods
BR-HUB33-05V-TRB BRIGHT-BR-HUB33-05V-TRB Datasheet
287Kb / 6P
   Super Red Mono-color type Suitable for all SMT assembly methods.
BL-HG635A-TRB BRIGHT-BL-HG635A-TRB Datasheet
192Kb / 6P
   Green Suitable for all SMT assembly methods.
BL-HY033-TRB BRIGHT-BL-HY033-TRB Datasheet
290Kb / 7P
   Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com