Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR508 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SR508
Description  CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SR508 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SR508 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SR508 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
150
120
100
80
60
40
20
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5MM) LEAD LENGTH
0
4.0
3.0
2.0
1.0
5.0
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PULSE WIDTH=300
1% DUTY CYCLE
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.6
0.01
50
10
1
0.1
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=150℃
──
SR502-SR504
- - - SR505-SR5100
──
SR502-SR504
- - - SR505-SR5100
REVERSE VOLTAGE.VOLTS
0.1
100
10
1
100
4000
1000
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
──
SR502-SR504
- - - SR505-SR5100
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T, PULSE DURATION, sec.
0.01
100
10
1
0.1
1
100
10
0.1
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0
100
80
60
40
20
TJ=75℃
TJ=25℃
TJ=125℃
0.001
10
1
0.1
0.01
20
──
SR502-SR504
- - - SR505-SR5100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
100
10
TJ=TJMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
100
75
50
25
125
150
RATINGS AND CHARACTERISTIC CURVES SR502 THRU SR5100


Similar Part No. - SR508

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR508 MOSPEC-SR508 Datasheet
231Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Jinan Gude Electronic D...
SR508 JGD-SR508 Datasheet
147Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR508 MCC-SR508 Datasheet
82Kb / 2P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
logo
MIC GROUP RECTIFIERS
SR508 MIC-SR508 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR508 CHENYI-SR508 Datasheet
49Kb / 2P
   5Amp schottky barrier rectifier 50to100 volts
More results

Similar Description - SR508

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SB520 DAESAN-SB520 Datasheet
359Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
SR5200 GXELECTRONICS-SR5200 Datasheet
373Kb / 2P
   Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Microdiode Electronics ...
SS515 CHENDA-SS515 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Gaomi Xinghe Electronic...
SRF560 GXELECTRONICS-SRF560 Datasheet
334Kb / 2P
   SCHOTTKY BARIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SRF520 GXELECTRONICS-SRF520 Datasheet
334Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Microdiode Electronics ...
SS510 CHENDA-SS510 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SS520 CHENDA-SS520 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Gaomi Xinghe Electronic...
SRF550 GXELECTRONICS-SRF550 Datasheet
334Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
DAESAN ELECTRONIC CORP.
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com