Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9549 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9549 Datasheet HTML 3Page - NXP Semiconductors PCA9549 Datasheet HTML 4Page - NXP Semiconductors PCA9549 Datasheet HTML 5Page - NXP Semiconductors PCA9549 Datasheet HTML 6Page - NXP Semiconductors PCA9549 Datasheet HTML 7Page - NXP Semiconductors PCA9549 Datasheet HTML 8Page - NXP Semiconductors PCA9549 Datasheet HTML 9Page - NXP Semiconductors PCA9549 Datasheet HTML 10Page - NXP Semiconductors PCA9549 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PCA9549_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 July 2006
7 of 24
Philips Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
Figure 7 shows the voltage characteristics of the pass gate transistors (note that the
PCA9549 is only tested at the points specified in Section 9 “Static characteristics”). In
order for the PCA9549 to act as a voltage translator, the Vo(sw) voltage should be equal to,
or lower than the lowest bus voltage. For example, if the main bus was running at 5 V, and
the downstream buses were 3.3 V and 2.7 V, then Vo(sw) should be equal to or below 2.7 V
to effectively clamp the downstream bus voltages. Looking at Figure 7, we see that Vo(sw)
(maximum) will be at 2.7 V when the PCA9549 supply voltage is 3.5 V or lower so the
PCA9549 supply voltage could be set to 3.3 V. Pull-up resistors can then be used to bring
the bus voltages to their appropriate levels (see Figure 16).
(1) maximum
(2) typical
(3) minimum
Fig 7.
Vo(sw) voltage versus VDD
VDD (V)
2.0
5.5
4.5
3.0
4.0
002aaa964
3.0
2.0
4.0
5.0
Vo(sw)
(V)
1.0
3.5
5.0
2.5
(1)
(2)
(3)


Similar Part No. - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
PCA9549BS NXP-PCA9549BS Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
PCA9549D NXP-PCA9549D Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
PCA9549PW NXP-PCA9549PW Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
More results

Similar Description - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
logo
NXP Semiconductors
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
   Octal bus switch with quad output enables
Rev. 02-15 September 2005
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com