Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEI10D38NP-1R2P Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEI10D38NP-1R2P
Description  POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEI10D38NP-1R2P Datasheet(HTML) 1 Page - Sumida Corporation

  CDEI10D38NP-1R2P Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS <SMD Type: CDEI Series>
Type: CDEI10D38
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
B Box
C Carrier Tape
Product Description
10.4×10.4mm Max.(L×W), 4.0mm Max. Height.
Inductance range: 1.2~3.6μH.
Rated current range: 4.4~9.7A
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Super high current, Mn-Zn core used, Flat wire used.
Ideally used in portable computer CPU power supply.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm) and Schematics
(Bottom)
Specification
Saturation Current
A)Max.(Typ.) ※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDEI10D38NP-1R2P□ 1R2N
1.2μH±25%
5.9(4.7)
13.5
11.0
9.7
CDEI10D38NP-1R8P□ 1R8N
1.8μH±25%
12.8(10.2)
11.0
8.9
6.2
CDEI10D38NP-2R7P□ 2R7N
2.7μH±25%
19.7(15.8)
9.3
7.4
4.7
CDEI10D38NP-3R6P□ 3R6N
3.6μH±25%
22.5(18.0)
7.9
6.5
4.4
Description of part name
CDEI10D38NP-1R2P□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
This datasheet is a final issue, and maybe something will be changed before production.


Similar Part No. - CDEI10D38NP-1R2P

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR10D47ME SUMIDA-CDEIR10D47ME Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D47MENP-1R2MC SUMIDA-CDEIR10D47MENP-1R2MC Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D48ME SUMIDA-CDEIR10D48ME Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D48MENP-4R7MC SUMIDA-CDEIR10D48MENP-4R7MC Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D50ME SUMIDA-CDEIR10D50ME Datasheet
540Kb / 8P
   SMD Power Inductor
More results

Similar Description - CDEI10D38NP-1R2P

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com