Selected language     English  ▼


W005M Datasheet(PDF) 2 Page - Daesan Electronics Corp.

Part No. W005M
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo 

   
 2 page
background image
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INST ANT ANEOUS FOR WARD VOL TAGE (V)
Fi g. 2 Typical Forward Characteristics
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES
AT 60 Hz
Fi g. 3 Max Non-Repetitive Sur ge Current
Pulse Width 8.3 ms
Single Half-Sine-W ave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE
VOL TAGE (V)
Fi g. 4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT
OF RA TED PEAK REVERSE
VOL TAGE (% )
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERA TURE (°C)
Fi g. 1 Forward Current Deratin g Curve
A
Single phase half-sine-wave
60Hz resistive or inductive load
RATING AND CHARACTERISTIC CURVES W005M THRU W10M




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FR151CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
FR151GCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
W005G_061.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes 1 2 Pan Jit International Inc.
HER15XCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
HER151GCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
RL151CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
RL151GCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
KB151CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl