Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - Daesan Electronics Corp.

Part No. W01M
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo 

   
 1 page
background image
W005M THRU W10M
Features
Mechanical Data
· Glass Passivated Die Construction
· Diffused Junction
· Low Forward Voltage Drop, High Current Capability
· Surge Overload Rating to 50A Peak
· Ideal for Printed Circuit Boards
· Case to Terminal Isolation Voltage 1500V
· Plastic Material - UL Flammability
Classification Rating 94V-0
Maximum Ratings And Electrical Characteristics
· Case : WOB, Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : As Marked on Body
· Weight : 1.3 grams (approx.)
· Mounting Position : Any
· Marking : Type Number
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.5 Amperes
VOLTAGE 50 to 1000 Volts
WOB
Dim
Min
Max
A
8.84
9.86
B
4.00
4.60
C
27.90
D
25.40
E
0.71
0.81
G
4.60
5.60
A ll Dimens ions in mm
Notes:
(1) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
(2) Thermal Resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectified Output Current
@ TA=25
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward Voltage (per element)
@ IF=1.5 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.0
VFM
VRMS
1.5
Amps
Amps
50
IFSM
Tj
TSTG
500
-65 to +150
Peak Reverse Current at Rated
DC Blocking Voltage
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
W005M W01M W02M W04M W06M W08M W10M
35
5.0
12
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
℃/W
pF
Io
IRM
Cj
R
θJA
@ TA=25
@ TA=125
Typical Thermal Resistance,
Junction to Case (Note 2)
84
A
B
D
E
G
G
C
+
-
+
-




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FR151CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
FR151GCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
W005G_061.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes 1 2 Pan Jit International Inc.
HER15XCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
HER151GCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
RL151CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
RL151GCURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.
KB151CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts 1 2 Daesan Electronics Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl