Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEE128 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEE128
Description  General Power Transformer Type:CEE Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEE128 Datasheet(HTML) 1 Page - Sumida Corporation

  CEE128 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer<SMD Type:CEE Series>
Type: CEE128
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
13.3×11.5mm Max.(L×W), 9.5mm Max. (Height)
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements.
Feature
Max. Operating frequency 500kHz,Max. Operating Power 3.1W(300kHz).
Ideally used in LCD TV, Note PC, Portable equipment.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“S”
indicates winding start.
Specification
Sample No.
Inductance(1-2)
(1kHz/1.0V)
D.C.R.
(1-2)
Hi-pot (1,2-3,4,5,8)
(50/60Hz)
6342 – T103
4.86μH±25% within
40mΩ Max.
AC 2500Vrms/1min.
11.0±0.5
9.5 Max.
12.2±0.5
14.0±0.5
4
3
2
1
8
7
6
5
S
S
S
P1
P2
S1


Similar Part No. - CEE128

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEE124 SUMIDA-CEE124 Datasheet
35Kb / 2P
   POWER INDUCTORS
CEE124NP-0R7MB SUMIDA-CEE124NP-0R7MB Datasheet
35Kb / 2P
   POWER INDUCTORS
CEE124NP-0R7MC SUMIDA-CEE124NP-0R7MC Datasheet
35Kb / 2P
   POWER INDUCTORS
CEE124NP-1R3MB SUMIDA-CEE124NP-1R3MB Datasheet
35Kb / 2P
   POWER INDUCTORS
CEE124NP-1R3MC SUMIDA-CEE124NP-1R3MC Datasheet
35Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CEE128

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEE93 SUMIDA-CEE93 Datasheet
131Kb / 1P
   General Power Transformer
CM-5LN SUMIDA-CM-5LN Datasheet
135Kb / 2P
   General Power Transformer(smd type:cm series)
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
   General Power Transformer
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
   General Power Transformer
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
   General Power Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
   General Power Transformer
CEEH135 SUMIDA-CEEH135 Datasheet
114Kb / 1P
   General Power Transformer
CER95 SUMIDA-CER95 Datasheet
121Kb / 1P
   General Power Transformer
CLQ72 SUMIDA-CLQ72 Datasheet
121Kb / 1P
   General Power Transformer < SMD Type: CLQ Series>
CEPH205 SUMIDA-CEPH205_06 Datasheet
141Kb / 1P
   General Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com