Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPH45D13FNP-220MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPH45D13FNP-220MC
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH45D13FNP-220MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDPH45D13FNP-220MC Datasheet HTML 1Page - Sumida Corporation CDPH45D13FNP-220MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDPH45D13F
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDPH Series>
Specification
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max. (Typ.)
( 20℃)
Saturation
Current
(A) (Typ.)
1
Temperature
rise current
(A) (Typ.)
2
CDPH45D13FNP-1R0NC
A
1.0±30%
51(41)
4.00(5.00)
2.50(2.80)
CDPH45D13FNP-1R2NC
B
1.2±30%
61(49)
3.40(4.25)
2.29(2.60)
CDPH45D13FNP-1R8NC
C
1.8±30%
71(57)
3.12(3.90)
1.96(2.24)
CDPH45D13FNP-2R4MC
D
2.4±20%
85(68)
2.54(3.18)
1.92(2.20)
CDPH45D13FNP-3R3MC
E
3.3±20%
96(77)
2.32(2.90)
1.86(2.10)
CDPH45D13FNP-3R9MC
F
3.9±20%
107(86)
2.08(2.60)
1.70(1.92)
CDPH45D13FNP-4R7MC
G
4.7±20%
120(96)
2.04(2.55)
1.62(1.84)
CDPH45D13FNP-5R6MC
J
5.6±20%
133(106)
1.66(2.08)
1.60(1.82)
CDPH45D13FNP-6R8MC
K
6.8±20%
175(140)
1.63(2.04)
1.32(1.50)
CDPH45D13FNP-100MC
L
10.0±20%
277(222)
1.30(1.62)
1.04(1.19)
CDPH45D13FNP-120MC
M
12.0±20%
298(238)
1.26(1.57)
0.98(1.12)
CDPH45D13FNP-150MC
P
15.0±20%
405(324)
1.15(1.44)
0.85(0.97)
CDPH45D13FNP-180MC
Q
18.0±20%
428(342)
1.00(1.25)
0.78(0.89)
CDPH45D13FNP-220MC
R
22.0±20%
678(542)
0.85(1.07)
0.66(0.75)
CDPH45D13FNP-330MC
T
33.0±20%
920(736)
0.74(0.92)
0.55(0.63)
Description of part name
CDPH45D13FNP-1R2N□
1.Saturation current: The DC current at which the inductance decreases to 70% of its nominal value .
(Ta=20℃)
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
This spec is not the final revision, and some parts may be changed before production.
B Box
C Carrier Tape


Similar Part No. - CDPH45D13FNP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH45D16F SUMIDA-CDPH45D16F Datasheet
397Kb / 2P
   Power Inductor
CDPH45D16FHF-100M SUMIDA-CDPH45D16FHF-100M Datasheet
397Kb / 2P
   Power Inductor
CDPH45D16FHF-100MC SUMIDA-CDPH45D16FHF-100MC Datasheet
224Kb / 3P
   SMD Power Inductor
CDPH45D16FHF-120M SUMIDA-CDPH45D16FHF-120M Datasheet
397Kb / 2P
   Power Inductor
CDPH45D16FHF-120MC SUMIDA-CDPH45D16FHF-120MC Datasheet
224Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDPH45D13FNP-220MC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com