Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH3D13SNP-1R5M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH3D13SNP-1R5M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH3D13SNP-1R5M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH3D13SNP-1R5M Datasheet HTML 1Page - Sumida Corporation CDH3D13SNP-1R5M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDH3D13/S, CDH3D13/SHP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDH Series>
Specification(CDH3D13/S)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
( 20℃)
( 100℃)
Temperature
Rise current
(A) ※2
CDH3D13SNP-1R2M□
1R2
1.2±20%
75(60)
1.85
1.70
2.55
CDH3D13SNP-1R5M□
1R5
1.5±20%
88(70)
1.60
1.45
2.30
CDH3D13SNP-2R5M□
2R5
2.5±20%
122(97)
1.40
1.15
1.85
CDH3D13SNP-3R6M□
3R6
3.6±20%
150(120)
1.25
1.00
1.65
CDH3D13SNP-4R7M□
4R7
4.7±20%
175(140)
1.15
0.85
1.40
CDH3D13SNP-7R0M□
7R0
7.0±20%
250(200)
0.95
0.75
1.30
CDH3D13SNP-100M□
100
10.0±20%
340(270)
0.80
0.65
1.00
CDH3D13SNP-120M□
120
12.0±20%
440(350)
0.60
0.55
0.95
CDH3D13SNP-150M□
150
15.0±20%
550(440)
0.55
0.50
0.90
CDH3D13SNP-220M□
220
22.0±20%
815(650)
0.45
0.40
0.73
Specification(CDH3D13/SHP)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
( 20℃)
( 100℃)
Temperature
Rise current
(A) ※2
CDH3D13SHPNP-1R2M□
1R2
1.2±20%
88(70)
2.60
2.20
2.40
CDH3D13SHPNP-1R5M□
1R5
1.5±20%
100(80)
2.30
1.95
2.20
CDH3D13SHPNP-2R5M□
2R5
2.5±20%
125(100)
1.80
1.55
1.80
CDH3D13SHPNP-3R6M□
3R6
3.6±20%
156(125)
1.55
1.35
1.60
CDH3D13SHPNP-4R7M□
4R7
4.7±20%
181(145)
1.30
1.20
1.50
CDH3D13SHPNP-6R8M□
6R8
6.8±20%
275(220)
1.10
0.95
1.30
CDH3D13SHPNP-100M□
100
10.0±20%
375(300)
0.90
0.80
0.95
CDH3D13SHPNP-120M□
120
12.0±20%
469(375)
0.85
0.75
0.90
CDH3D13SHPNP-150M□
150
15.0±20%
569(455)
0.75
0.67
0.85
CDH3D13SHPNP-220M□
220
22.0±20%
856(685)
0.60
0.58
0.72
Description of part name
CDH3D13SHPNP-1R2M□
1.Saturation Current: The DC current at which the inductance decreases to 90% of it's nominal value.
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDH3D13SNP-1R5M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH3D13D SUMIDA-CDH3D13D Datasheet
130Kb / 2P
   Power Inductors
CDH3D13DSHPNP-100M SUMIDA-CDH3D13DSHPNP-100M Datasheet
130Kb / 2P
   Power Inductors
CDH3D13DSHPNP-120M SUMIDA-CDH3D13DSHPNP-120M Datasheet
130Kb / 2P
   Power Inductors
CDH3D13DSHPNP-150M SUMIDA-CDH3D13DSHPNP-150M Datasheet
130Kb / 2P
   Power Inductors
CDH3D13DSHPNP-1R2M SUMIDA-CDH3D13DSHPNP-1R2M Datasheet
130Kb / 2P
   Power Inductors
More results

Similar Description - CDH3D13SNP-1R5M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com