Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D16LDNP-3R9N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D16LDNP-3R9N
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D16LDNP-3R9N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D16LDNP-3R9N Datasheet HTML 1Page - Sumida Corporation CDRH2D16LDNP-3R9N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH2D16/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation current
(A)※1
Part Name
Stam
p
Inductance
(μH)
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
rise current
(A)※2
CDRH2D16LDNP-2R2N□
A
2.2±30%
47(38)
0.86
0.65
2.20
CDRH2D16LDNP-2R7N□
B
2.7±30%
61(49)
0.82
0.60
1.90
CDRH2D16LDNP-3R3N□
C
3.3±30%
67(54)
0.72
0.52
1.74
CDRH2D16LDNP-3R9N□
D
3.9±30%
75(60)
0.70
0.48
1.60
CDRH2D16LDNP-4R7N□
E
4.7±30%
101(81)
0.62
0.45
1.32
CDRH2D16LDNP-5R6N□
F
5.6±30%
123(98)
0.57
0.40
1.25
CDRH2D16LDNP-6R8N□
G
6.8±30%
158(127)
0.50
0.35
1.00
CDRH2D16LDNP-8R2N□
H
8.2±30%
171(137)
0.45
0.33
0.95
CDRH2D16LDNP-1ØØN□
I
10.0±30%
195(156)
0.42
0.30
0.92
CDRH2D16LDNP-12ØN□
J
12.0±30%
223(179)
0.39
0.28
0.85
CDRH2D16LDNP-15ØN□
K
15.0±30%
248(198)
0.35
0.26
0.81
CDRH2D16LDNP-18ØN□
L
18.0±30%
316(252)
0.32
0.23
0.73
CDRH2D16LDNP-22ØN□
M
22.0±30%
418(335)
0.28
0.21
0.60
CDRH2D16LDNP-27ØN□
N
27.0±30%
466(373)
0.26
0.18
0.53
Description of part name
CDRH2D16LDNP-2R2N□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH2D16LDNP-3R9N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D16LDNP-3R9NC SUMIDA-CDRH2D16LDNP-3R9NC Datasheet
238Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH2D16LDNP-3R9N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com