Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D18NP-5R6N Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH4D18NP-5R6N
Description  Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D18NP-5R6N Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH4D18NP-5R6N Datasheet HTML 1Page - Sumida Corporation CDRH4D18NP-5R6N Datasheet HTML 2Page - Sumida Corporation CDRH4D18NP-5R6N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH4D18 , CDRH4D18C , CDRH4D18C/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
5.0×5.0mm Max.(L×W), 2.0mm Max. Height.(CDRH4D18)
5.1×5.1mm Max.(L×W), 2.0mm Max. Height.(CDRH4D18C,CDRH4D18C/LD)
Standard type CDRH4D18, CDRH4D18C and Low DCR type CDRH4D18C/LD are available.
Inductance range:1.0~180µH(CDRH4D18); 1.1~100µH(CDRH4D18C,CDRH4D18C /LD);
Rated current range:0.14~1.72A(CDRH4D18); 0.25~2.4A(CDRH4D18C); 0.2~2.1A (CDRH4D18C /LD);
Custom design is available.
Feature
Magnetically shielded construction.
Ideally used in Mobile phone,PDA,MP3,HDD,DSC/DVC,Note book PC,etc as DC-DC Converter inductors.
RoHS Compliance.
Dimensions (mm)
CDRH4D18
CDRH4D18C,
CDRH4D18C/LD
4.7±0.3
MAX.2.0
4.5
ELECTRODE
4.9 ± 0.2
2.0 Max.
1.
0.
2
4.
0.
3
6.
2
Ma
x.


Similar Part No. - CDRH4D18NP-5R6N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D18NP-5R6NC SUMIDA-CDRH4D18NP-5R6NC Datasheet
272Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D18NP-5R6N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com