Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D09NP-8R2MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D09NP-8R2MC
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D09NP-8R2MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D09NP-8R2MC Datasheet HTML 1Page - Sumida Corporation CDRH2D09NP-8R2MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH2D09 , CDRH2D09C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification(CDRH2D09)
Saturation Current
mA)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
( 20℃)
( 20℃)
( 100℃)
Temperature
Rise current
(mA) ※2
CDRH2DØ9NP-1R2M□
A
1.2 ± 25%
70±25%
800
590
1240
CDRH2DØ9NP-1R5M□
B
1.5 ± 25%
78±25%
730
520
1150
CDRH2DØ9NP-1R8M□
C
1.8 ± 25%
98±25%
650
480
1060
CDRH2DØ9NP-2R2M□
D
2.2 ± 25%
120±25%
600
440
1050
CDRH2DØ9NP-2R5M□
E
2.5 ± 25%
135±25%
530
400
980
CDRH2DØ9NP-3RØM□
F
3.0 ± 25%
150±25%
470
360
840
CDRH2DØ9NP-3R9M□
G
3.9 ± 25%
205±25%
450
330
720
CDRH2DØ9NP-4R7M□
H
4.7 ± 25%
220±25%
410
300
640
CDRH2DØ9NP-5R6M□
J
5.6 ± 25%
320±25%
370
270
590
CDRH2DØ9NP-6R8M□
K
6.8 ± 25%
340±25%
330
240
530
CDRH2DØ9NP-8R2M□
L
8.2 ± 25%
390±25%
300
220
460
CDRH2DØ9NP-1ØØM□
M
10 ± 25%
450±25%
280
200
420
Specification(CDRH2D09C)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
( 20℃)
(20℃)
(105℃)
Temperature
Rise current
(A) ※2
CDRH2DØ9CNP-1R2N□
A
1.2±25%
78m(62.4m)
0.83
0.64
1.55
CDRH2DØ9CNP-1R5N□
B
1.5±25%
88m(70.6m)
0.70
0.52
1.35
CDRH2DØ9CNP-2R4N□
D
2.4±25%
119m(95.0m)
0.58
0.45
1.10
CDRH2DØ9CNP-3R3N□
F
3.3±25%
174m(139m)
0.50
0.38
0.90
CDRH2DØ9CNP-4R7N□
H
4.7±25%
238m(190m)
0.38
0.30
0.80
CDRH2DØ9CNP-6R4N□
K
6.4±25%
290m(232m)
0.36
0.27
0.65
CDRH2DØ9CNP-8R2N□
L
8.2±25%
0.40(0.32)
0.31
0.25
0.56
CDRH2DØ9CNP-1ØØN□
M
10±25%
0.50(0.40)
0.30
0.23
0.51
CDRH2DØ9CNP-12ØN□
N
12±25%
0.55(0.44)
0.27
0.20
0.45
CDRH2DØ9CNP-15ØN□
P
15±25%
0.65(0.52)
0.24
0.18
0.42
CDRH2DØ9CNP-18ØN□
Q
18±25%
0.77(0.61)
0.22
0.17
0.38
CDRH2DØ9CNP-22ØN□
R
22±25%
0.94(0.75)
0.20
0.15
0.35
CDRH2DØ9CNP-27ØN□
S
27±25%
1.11(0.88)
0.16
0.12
0.32
Description of part name
CDRH2DØ9CNP-1R2N□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH2D09NP-8R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D09NP-8R2MC SUMIDA-CDRH2D09NP-8R2MC Datasheet
192Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH2D09NP-8R2MC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com