Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA26-XXXBW Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTA26-XXXBW
Description  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA26-XXXBW Datasheet(HTML) 4 Page - STMicroelectronics

  BTA26-XXXBW Datasheet HTML 1Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 2Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 3Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 4Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 5Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 6Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 7Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 8Page - STMicroelectronics BTA26-XXXBW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
BTA24, BTB24, BTA25, BTA26 and T25 series
4/12
Figure 1.
Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2.
RMS on-state current versus case
temperature (full cycle)
0
5
10
15
20
25
0
5
10
15
20
25
30
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0
5
10
15
20
25
30
I
(A)
T(RMS)
T (°C)
C
BTA24
BTA25 / BTA26
BTB / T25
Figure 3.
D2PAK RMS on-state current versus
ambient temperature (printed
circuit board FR4, copper
thickness: 35µm) (full cycle)
Figure 4.
Relative variation of thermal
impedance versus pulse
duration
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
T
(°C)
amb
DPAK
(S=1cm )
2
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
Z
BTA / BTB24 / T25
th(j-a)
Z
BTA26
th(j-a)
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Surge peak on-state current
versus number of cycles
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
I
(A)
TM
V
(V)
TM
T = 25°C
j
.
T max.
V = 0.85V
R = 16 m
j
to
d
T=
j
T max.
j
1
10
100
1000
0
50
100
150
200
250
300
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =75°C
C


Similar Part No. - BTA26-XXXBW

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTA26-1000 SIRECTIFIER-BTA26-1000 Datasheet
373Kb / 4P
   Discrete Triacs
BTA26-1200 SIRECTIFIER-BTA26-1200 Datasheet
373Kb / 4P
   Discrete Triacs
BTA26-400 SIRECTIFIER-BTA26-400 Datasheet
373Kb / 4P
   Discrete Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Sirectifier Semiconduct...
BTA26-600 SIRECTIFIER-BTA26-600 Datasheet
373Kb / 4P
   Discrete Triacs
More results

Similar Description - BTA26-XXXBW

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com