Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR74BNP-330LB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR74BNP-330LB
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR74BNP-330LB Datasheet(HTML) 2 Page - Sumida Corporation

  CDR74BNP-330LB Datasheet HTML 1Page - Sumida Corporation CDR74BNP-330LB Datasheet HTML 2Page - Sumida Corporation CDR74BNP-330LB Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR74,CDR74B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Land Pattern (mm)
CDR74
CDR74B
Specification(CDR74)
Part name
Stamp
Inductance
[within]
D.C.R.(Ω)
[MAX.]
(at 20℃)
Rated
Current
(A)※1-1
S.R.F.
(MHz)
[TYP.]
Measured
frequency
CDR74NP-1ØØN□
100
25%
10μH-15%
0.07
1.64
29.8
CDR74NP-12ØN□
120
25%
12μH-15%
0.08
1.50
26.4
CDR74NP-15ØN□
150
25%
15μH-15%
0.09
1.34
21.1
CDR74NP-18ØN□
180
25%
18μH-15%
0.11
1.22
20.0
CDR74NP-22ØN□
220
25%
22μH-15%
0.12
1.10
19.5
CDR74NP-27ØN□
270
25%
27μH-15%
0.17
1.00
16.5
CDR74NP-33ØN□
330
25%
33μH-15%
0.19
0.90
15.5
CDR74NP-39ØN□
390
25%
39μH-15%
0.21
0.83
14.4
CDR74NP-47ØN□
470
25%
47μH-15%
0.24
0.75
12.8
CDR74NP-56ØN□
560
25%
56μH-15%
0.32
0.69
11.6
CDR74NP-68ØN□
680
25%
68μH-15%
0.37
0.63
10.2
CDR74NP-82ØN□
820
25%
82μH-15%
0.40
0.57
9.95
at 2.52
MHz
CDR74NP-1Ø1M□
101
20%
100μH-15%
0.54
0.52
8.59
CDR74NP-121M□
121
20%
120μH-15%
0.62
0.47
7.53
CDR74NP-151M□
151
20%
150μH-15%
0.86
0.42
7.00
CDR74NP-181M□
181
20%
180μH-15%
0.97
0.38
6.53
CDR74NP-221M□
221
20%
220μH-15%
1.31
0.35
5.07
CDR74NP-271M□
271
20%
270μH-15%
1.46
0.31
4.67
at 1 kHz
PART OF ELECTRODE
PART OF SILK
5.5
R 1.0
PART OF ELECTRODE
PART OF SOLDER
RESIST PRINTING
7.5
R 1.0


Similar Part No. - CDR74BNP-330LB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR74BNP-33OLB SUMIDA-CDR74BNP-33OLB Datasheet
434Kb / 4P
   CDR74B
CDR74BNP-33OLC SUMIDA-CDR74BNP-33OLC Datasheet
434Kb / 4P
   CDR74B
More results

Similar Description - CDR74BNP-330LB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com