Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH74NP-151M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH74NP-151M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH74NP-151M Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH74NP-151M Datasheet HTML 1Page - Sumida Corporation CDRH74NP-151M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH74
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
7.5×7.5mm Max.(L×W), 4.5mm Max. Height.
Inductance Range:10μH~1.0mH
Rated current range: 0.18~1.84A
In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
Feature
Magnetically shielded construction.
Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as DC-DC Converter
inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Electrode terminal
7.3±0.2
Max.4.5
0.2
1.8
Part of silk screen
Dimension of CDRH74
2.2


Similar Part No. - CDRH74NP-151M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH74NP-151MB SUMIDA-CDRH74NP-151MB Datasheet
547Kb / 6P
   CDRH74
CDRH74NP-151MC SUMIDA-CDRH74NP-151MC Datasheet
547Kb / 6P
   CDRH74
CDRH74NP-151MC-B SUMIDA-CDRH74NP-151MC-B Datasheet
272Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH74NP-151M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com