Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH30D18SNP-2R2N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH30D18SNP-2R2N
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH30D18SNP-2R2N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH30D18SNP-2R2N Datasheet HTML 1Page - Sumida Corporation CDRH30D18SNP-2R2N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< SMD Type: CDRH Series>
Type: CDRH30D18/S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDRH3ØD18SNP-ØR8N□
A
0.8μH±25%
35.8m(28.6m)
2.80
2.20
2.65
CDRH3ØD18SNP-1R2N□
B
1.2μH±25%
42.4m(33.9m)
2.30
1.80
2.30
CDRH3ØD18SNP-1R5N□
C
1.5μH±25%
46.9m(37.5m)
2.10
1.60
2.20
CDRH3ØD18SNP-1R8N□
D
1.8μH±25%
60.0m(48.0m)
1.90
1.45
1.85
CDRH3ØD18SNP-2R2N□
E
2.2μH±25%
69.0m(55.2m)
1.80
1.40
1.70
CDRH3ØD18SNP-2R7N□
F
2.7μH±25%
85.3m(68.2m)
1.50
1.20
1.50
CDRH3ØD18SNP-3R3N□
G
3.3μH±25%
94.8m(75.8m)
1.45
1.10
1.40
CDRH3ØD18SNP-4R7N□
H
4.7μH±25%
149m(119m)
1.15
0.90
1.15
CDRH3ØD18SNP-5R6N□
I
5.6μH±25%
164m(131m)
1.05
0.80
1.10
CDRH3ØD18SNP-6R8N□
J
6.8μH±25%
196m(157m)
0.95
0.72
1.00
CDRH3ØD18SNP-8R2N□
K
8.2μH±25%
229m(183m)
0.90
0.70
0.85
CDRH3ØD18SNP-1ØØN□
L
10.0μH±25%
276m(221m)
0.82
0.62
0.76
CDRH3ØD18SNP-15ØN□
M
15.0μH±25%
376m(301m)
0.65
0.50
0.68
CDRH3ØD18SNP-22ØN□
N
22.0μH±25%
610m(488m)
0.55
0.42
0.48
CDRH3ØD18SNP-33ØN□
O
33.0μH±25%
890m(712m)
0.45
0.35
0.42
CDRH3ØD18SNP-47ØN□
P
47.0μH±25%
1.31(1.05)
0.38
0.29
0.34
※ Description of Part Name
CDRH3ØD18SNP-ØR8N□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH30D18SNP-2R2N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH30D14R SUMIDA-CDRH30D14R Datasheet
569Kb / 9P
   Power Inductor
CDRH30D14RNP-100MC SUMIDA-CDRH30D14RNP-100MC Datasheet
569Kb / 9P
   Power Inductor
CDRH30D14RNP-100MC SUMIDA-CDRH30D14RNP-100MC Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH30D14RNP-1R0NC SUMIDA-CDRH30D14RNP-1R0NC Datasheet
569Kb / 9P
   Power Inductor
CDRH30D14RNP-1R0NC SUMIDA-CDRH30D14RNP-1R0NC Datasheet
206Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDRH30D18SNP-2R2N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com