Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH74NP-391M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH74NP-391M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH74NP-391M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH74NP-391M Datasheet HTML 1Page - Sumida Corporation CDRH74NP-391M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH74
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
within]
100kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A)※1
CDRH74NP-1ØØM□
CDRH74NP-12ØM□
100
120
10μH ± 20%
12μH ± 20%
49m(38m)
58m(44m)
1.84
1.71
CDRH74NP-15ØM□
CDRH74NP-18ØM□
150
180
15μH ± 20%
18μH ± 20%
81m(62m)
91m(70m)
1.47
1.31
CDRH74NP-22ØM□
CDRH74NP-27ØM□
220
270
22μH ± 20%
27μH ± 20%
0.11(77m)
0.15(0.12)
1.23
1.12
CDRH74NP-33ØM□
CDRH74NP-39ØM□
330
390
33μH ± 20%
39μH ± 20%
0.17(0.13)
0.23(0.18)
0.96
0.91
CDRH74NP-47ØM□
CDRH74NP-56ØM□
470
560
47μH ± 20%
56μH ± 20%
0.26(0.20)
0.35(0.27)
0.88
0.75
CDRH74NP-68ØM□
CDRH74NP-82ØM□
680
820
68μH ± 20%
82μH ± 20%
0.38(0.30)
0.43(0.33)
0.69
0.61
CDRH74NP-1Ø1M□
CDRH74NP-121M□
101
121
100μH ± 20%
120μH ± 20%
0.61(0.47)
0.66(0.51)
0.60
0.52
CDRH74NP-151M□
CDRH74NP-181M□
151
181
150μH ± 20%
180μH ± 20%
0.88(0.68)
0.98(0.76)
0.46
0.42
CDRH74NP-221M□
CDRH74NP-271M□
221
271
220μH ± 20%
270μH ± 20%
1.17(0.90)
1.64(1.32)
0.36
0.34
CDRH74NP-331M□
CDRH74NP-391M□
331
391
330μH ± 20%
390μH ± 20%
1.86(1.49)
2.85(2.28)
0.32
0.29
CDRH74NP-471M□
CDRH74NP-561M□
471
561
470μH ± 20%
560μH ± 20%
3.01(2.41)
3.62(2.89)
0.26
0.23
CDRH74NP-681M□
CDRH74NP-821M□
681
821
680μH ± 20%
820μH ± 20%
4.63(3.71)
5.20(4.16)
0.22
0.20
CDRH74NP-1Ø2M□
102
1.0mH ± 20%
6.00(4.80)
0.18
Description of part name
CDRH74NP-1ØØM□
1 Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRH74NP-391M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH74NP-391MB SUMIDA-CDRH74NP-391MB Datasheet
547Kb / 6P
   CDRH74
CDRH74NP-391MC SUMIDA-CDRH74NP-391MC Datasheet
547Kb / 6P
   CDRH74
CDRH74NP-391MC-B SUMIDA-CDRH74NP-391MC-B Datasheet
272Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH74NP-391M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com