Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR63BNP-470LC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR63BNP-470LC
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR63BNP-470LC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR63BNP-470LC Datasheet HTML 1Page - Sumida Corporation CDR63BNP-470LC Datasheet HTML 2Page - Sumida Corporation CDR63BNP-470LC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR63,CDR63B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Land Pattern (mm)
CDR63
CDR63B
Specification(CDR63)
Part name
Stamp
Inductance
[within] ※1
D.C.R.(Ω)
MAX.
(at 20℃)
Rated
Current(A)
2-1
S.R.F.
(MHz)
[Typ.]
CDR63NP-1ØØM□
A
10μH ± 20%
0.13
0.80
37.7
CDR63NP-12ØM□
B
12μH ± 20%
0.14
0.74
31.7
CDR63NP-15ØM□
C
15μH ± 20%
0.15
0.70
28.9
CDR63NP-18ØM□
D
18μH ± 20%
0.18
0.64
26.7
CDR63NP-22ØM□
E
22μH ± 20%
0.25
0.62
23.7
CDR63NP-27ØM□
F
27μH ± 20%
0.34
0.57
18.9
CDR63NP-33ØL□
G
33μH ± 15%
0.37
0.52
17.0
CDR63NP-39ØL□
H
39μH ± 15%
0.39
0.45
16.6
CDR63NP-47ØL□
J
47μH ± 15%
0.43
0.40
16.2
CDR63NP-56ØL□
K
56μH ± 15%
0.50
0.37
13.8
CDR63NP-68ØL□
L
68μH ± 15%
0.53
0.35
13.1
CDR63NP-82ØL□
82μH ± 15%
0.75
0.32
11.8
CDR63NP-1Ø1K□
100μH ± 10%
0.85
0.30
11.1
1
:Measuring frequency: 10µH ~ 82µH(at 2.52 MHz) ; 100 µH (at 1 kHz).
PART OF ELECTRODE
PART OF SILK SCREEN
4.5
R1.0
PART OF ELECTRODE
PART OF SILK SCREEN
5.5
R1.0


Similar Part No. - CDR63BNP-470LC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR63BNP-470LC SUMIDA-CDR63BNP-470LC Datasheet
121Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDR63BNP-470LC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com