Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH10D43RNP-560M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D43RNP-560M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D43RNP-560M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D43RNP-560M Datasheet HTML 1Page - Sumida Corporation CDRH10D43RNP-560M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH10D43R
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at 105℃)
Temperature
Rise Current
(A) ※2
CDRH10D43RNP-1R2P□
1R2
1.2µH±25%
10.4(8.28)
12.0
9.0
7.2
CDRH10D43RNP-1R8P□
1R8
1.8µH±25%
12.2(9.76)
11.2
8.5
6.6
CDRH10D43RNP-2R7P□
2R7
2.7µH±25%
14.1(11.3)
9.5
7.3
6.0
CDRH10D43RNP-3R9P□
3R9
3.9µH±25%
16.6(13.2)
8.8
6.9
5.8
CDRH10D43RNP-4R7P□
4R7
4.7µH±25%
20.4(16.3)
8.0
6.5
4.8
CDRH10D43RNP-6R8P□
6R8
6.8µH±25%
25.1(20.0)
7.0
5.6
4.6
CDRH10D43RNP-8R2P□
8R2
8.2µH±25%
31.0(24.8)
6.0
4.8
4.2
CDRH10D43RNP-100M□
100
10µH±20%
32.7(26.1)
5.2
4.3
4.1
CDRH10D43RNP-120M□
120
12µH±20%
47.2(37.7)
4.9
4.0
3.2
CDRH10D43RNP-150M□
150
15µH±20%
56.1(44.9)
4.5
3.7
3.1
CDRH10D43RNP-220M□
220
22µH±20%
73.9(59.1)
4.0
3.2
2.7
CDRH10D43RNP-330M□
330
33µH±20%
120.0(95.7)
3.1
2.6
2.0
CDRH10D43RNP-470M□
470
47µH±20%
160.4(128.3)
2.6
2.1
1.7
CDRH10D43RNP-560M□
560
56µH±20%
175.8(140.6)
2.4
2.0
1.6
CDRH10D43RNP-680M□
680
68µH±20%
217.3(173.8)
2.2
1.8
1.4
CDRH10D43RNP-820M□
820
82µH±20%
273.8(219.0)
2.0
1.6
1.2
CDRH10D43RNP-101M□
101
100µH±20%
344.5(275.6)
1.8
1.4
1.1
Description of part name
CDRH10D43RNP-1R2P□
1
. Saturation current: The DC current at which the inductance decreases by 35% from its nominal value.
2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRH10D43RNP-560M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D43RNP-560MC SUMIDA-CDRH10D43RNP-560MC Datasheet
178Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH10D43RNP-560M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com