Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1015AI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1015AI
Description  EZBuck??1.5A Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1015AI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1015AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1015AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AOZ1015
Rev. 1.2 September 2007
www.aosmd.com
Page 2 of 15
Ordering Information
All AOS Products are offering in packaging with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1015AI
-40°C to +85°C
SO-8
RoHS
LX
LX
EN
COMP
1
2
3
4
PGND
VIN
AGND
FB
SO-8
(Top View)
8
7
6
5
Pin Number
Pin Name
Pin Function
1
PGND
Power ground. Electrically needs to be connected to AGND.
2VIN
Supply voltage input. When VIN rises above the UVLO threshold the device starts up.
3AGND
Reference connection for controller section. Also used as thermal connection for controller
section. Electrically needs to be connected to PGND.
4FB
The FB pin is used to determine the output voltage via a resistor divider between the output
and GND.
5
COMP
External loop compensation pin.
6EN
The enable pin is active HIGH. Connect EN pin to VIN if not used. Do not leave the EN pin
floating.
7, 8
LX
PWM output connection to inductor. Thermal connection for output stage.
RoHS
Compliant


Similar Part No. - AOZ1015AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1015-EVA AOSMD-AOZ1015-EVA Datasheet
203Kb / 4P
   EZBuck??1.5A Simple Buck Regulator Evaluation Board Note
More results

Similar Description - AOZ1015AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
   EZBuck 6A Synchronous Buck Regulator
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
   EZBuck??4A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
   4A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
   EZBuck??4A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
   EZBuck??2A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com