Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498F3120000 Datasheet(PDF) 7 Page - EPCOS

Part # B82498F3120000
Description  SMT Inductors, SIMID Series SIMID 0805-F
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3120000 Datasheet(HTML) 7 Page - EPCOS

  B82498F3120000 Datasheet HTML 1Page - EPCOS B82498F3120000 Datasheet HTML 2Page - EPCOS B82498F3120000 Datasheet HTML 3Page - EPCOS B82498F3120000 Datasheet HTML 4Page - EPCOS B82498F3120000 Datasheet HTML 5Page - EPCOS B82498F3120000 Datasheet HTML 6Page - EPCOS B82498F3120000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
B82498–F****–*–2–7659
0
0,2
0,4
0,6
0,8
1
1,2
0
20
40
60
80
100
120
160
Current derating I /I
versus ambient temperature T
op
A
R
I
I
op
R
A
°C
DC
10
0
10
1
A
µ
10
1
10
3
_
10
0
10
–2
10
–1
DC
10
_ 2
10
_ 1
L
H
Inductance L versus dc load current I
measured with HP 4275A
1
2
3
The information contained in this datasheet describes the
type of component and shall not be considered as guaran-
teed characteristics.
SMT Inductors, SIMID Series
B82498F
SIMID 0805–F
Hugo ist doof BNR
7 pages
11.11.2004


Similar Part No. - B82498F3120000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82498F3120G000 TDK-B82498F3120G000 Datasheet
246Kb / 2P
   Inductors (Coils)
logo
EPCOS
B82498F3120J EPCOS-B82498F3120J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B82498F3120J000 EPCOS-B82498F3120J000 Datasheet
172Kb / 10P
   SMT inductors
logo
TDK Electronics
B82498F3120J000 TDK-B82498F3120J000 Datasheet
246Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82498F3120000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com