Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498F3681000 Datasheet(PDF) 1 Page - EPCOS

Part # B82498F3681000
Description  SMT Inductors, SIMID Series SIMID 0805-F
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3681000 Datasheet(HTML) 1 Page - EPCOS

  B82498F3681000 Datasheet HTML 1Page - EPCOS B82498F3681000 Datasheet HTML 2Page - EPCOS B82498F3681000 Datasheet HTML 3Page - EPCOS B82498F3681000 Datasheet HTML 4Page - EPCOS B82498F3681000 Datasheet HTML 5Page - EPCOS B82498F3681000 Datasheet HTML 6Page - EPCOS B82498F3681000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
B82498–F****–*–2–7659
Size 0805 (EIA) or 2012 (IEC)
Rated inductance ceramic 2.7nH to 820nH
Rated inductance ferrite 1000nH to 6800nH
Rated current from 90 to 1000 mA
Construction
Cubic coil with ceramic or ferrite core
Epoxy moulded flat top for vacuum pickup
Wire welded to terminations
Features
High resonance frequency
Close inductance tolerance
Suitable for reflow (IR and vapor phase)
and wave soldering
Applications
Antenna amplifiers
DECT systems
Mobile phones
Keyless entry
GPS (Global Positioning System)
Terminals
Thick–film coating of Ag/Pd/Pt
Base material AL2O3 ceramic or NiZn ferrite
Marking
No marking on component
Minimum data on reel:
Manufacturer, part number, ordering code,
L–Value and tolerance of L–value,
quantity, date of packing
Delivery mode
8–mm blister tape, wound on 178–mm reel
For details on taping, packing and packing units see databook
The information contained in this datasheet describes the
type of component and shall not be considered as guaran-
teed characteristics.
SMT Inductors, SIMID Series
B82498F
SIMID 0805–F
Hugo ist doof BNR
7 pages
11.11.2004


Similar Part No. - B82498F3681000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82498F3681G000 TDK-B82498F3681G000 Datasheet
246Kb / 2P
   Inductors (Coils)
logo
EPCOS
B82498F3681J EPCOS-B82498F3681J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B82498F3681J000 EPCOS-B82498F3681J000 Datasheet
172Kb / 10P
   SMT inductors
More results

Similar Description - B82498F3681000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com