Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTIR0211S Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KTIR0211S
Description  PHOTO-INTERRUPTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KTIR0211S Datasheet(HTML) 2 Page - Kingbright Corporation

  KTIR0211S Datasheet HTML 1Page - Kingbright Corporation KTIR0211S Datasheet HTML 2Page - Kingbright Corporation KTIR0211S Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: KDA0750
REV NO: V.1
DATE: DEC/14/2001
PAGE: 2 OF 3
APPROVED: J.Lu
CHECKED :
DRAWN: Y.F.XU
Electro-optical Characteristics (Ta=25°°°°°C)
Fig.1 Forward Current vs.
Forward Voltage
Fig.3 Collector Current vs.
Collector-emitter Voltage
Fig.2 Collector Current vs.
Forward Current
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cs
n
o
it
i
d
n
o
C
s
n
o
it
i
d
n
o
C
s
n
o
it
i
d
n
o
Cs
n
o
it
i
d
n
o
C.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Mti
n
Uti
n
U ti
n
U ti
n
Uti
n
U
t
u
p
n
I
e
g
a
tl
o
v
d
r
a
w
r
o
FVF
I F
A
m
0
2
=_
2
.
15
.
1V
t
n
e
r
r
u
c
e
s
r
e
v
e
RI R
VR V
5
=_
_
0
1A
u
t
u
p
t
u
Ot
n
e
r
r
u
c
k
r
a
d
r
o
t
c
e
ll
o
CI O
E
C
V E
C
V
0
2
=_
_
0
0
1A
n
r
e
f
s
n
a
r
T
-t
c
a
r
a
h
c
s
c
it
s
ir
e
e
g
a
tl
o
v
n
o
it
a
r
u
t
a
s
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
CV
)t
a
s
(
E
C
I C
A
m
1
=
I F
A
m
0
4
=
__
4
.
0V
o
it
a
r
r
e
f
s
n
a
rt
t
n
e
r
r
u
CR
T
C
V E
C
V
5
=
I F
A
m
0
2
=
_5
3_
%
e
m
it
e
s
n
o
p
s
e
R
e
m
it
e
s
i
Rt r
V E
C
V
2
=
I C
A
m
2
=
R L
0
0
1
=
_5
5
2c
e
s
u
e
m
it
ll
a
Ft f
_4
0
2c
e
s
u


Similar Part No. - KTIR0211S

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KTIR0221DS KINGBRIGHT-KTIR0221DS Datasheet
134Kb / 3P
   PHOTO-INTERRUPTER
More results

Similar Description - KTIR0211S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
   Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
   Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
   Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
   Photo Interrupter
KIT5002C KODENSHI-KIT5002C Datasheet
189Kb / 3P
   Photo Interrupter
KIT5038C KODENSHI-KIT5038C Datasheet
223Kb / 3P
   Photo Interrupter
KIT8002A KODENSHI-KIT8002A Datasheet
159Kb / 5P
   Photo Interrupter
KPI511 KODENSHI-KPI511 Datasheet
207Kb / 4P
   Photo Interrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com