Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1017AI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ1017AI
Description  EZBuck??3A Simple Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1017AI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ1017AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1017AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AOZ1017
Rev. 1.0 July 2007
www.aosmd.com
Page 5 of 16
Typical Performance Characteristics
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Light Load (DCM) Operation
Full Load (CCM) Operation
Startup to Full Load
Full Load to Turnoff
50% to 100% Load Transient
No Load to Turnoff
1
µs/div
1
µs/div
400
µs/div
1ms/div
100
µs/div
1s/div
Vin ripple
50mV/div
Vo ripple
50mV/div
Vin
5V/div
Vo
2V/div
lin
1A/div
Vo Ripple
0.1V/div
lo
2A/div
Vin
5V/div
Vo
1V/div
lin
1A/div
Vin
5V/div
Vo
1V/div
lin
1A/div
IL
2A/div
L
X
10V/div
Vin ripple
0.1V/div
Vo ripple
50mV/div
IL
2A/div
L
X
10V/div


Similar Part No. - AOZ1017AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
   EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
569Kb / 15P
   EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1017AIL AOSMD-AOZ1017AIL Datasheet
569Kb / 15P
   EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
More results

Similar Description - AOZ1017AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
   EZBuck??3A Simple Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
   EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com