Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3782PF Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB3782PF
Description  ASSP Power Supplies BIPOLAR Switching Regulator Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3782PF Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB3782PF Datasheet HTML 2Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 3Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 4Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 5Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 6Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 7Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 8Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 9Page - Fujitsu Component Limited. MB3782PF Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MB3782
6
s SETTING THE TIME CONSTANT FOR THE TIMER-LATCH TYPE SHORT PREVENTION
CIRCUIT
Figure 1 shows the configuration of the protection latch circuit.
The output lines from the error amps are each connected to the inverting input lines of the short protection
comparator, which constantly compares them with the reference voltage of approximately 2.1 V connected to
the non-inverting input.
When load conditions in the switching regulator are stabilized, there is no variation in the output from the error
amps, and therefore the short prevention controls are held in equilibrium. In this situation, voltage at the SCP
pin (pin 14) is held at approximately 50 mV.
When load conditions change rapidly, as in the case of a load short, high potential signal (greater than 2.1V)
from the error amps is input to the inverting signal input of the short protection comparator, and the short protection
comparator outputs a “low” level signal. The transistor Q1 is consequently switched off, so that short protection
capacitor CPE externally connected to the SCP pin voltage is then charged according to the following formulas.
VPE = 50 mV + tPE
× 10–6/CPE
0.65 = 50 mV + tPE
× 10–6/CPE
CPE = tPE/0.6 (
µF)
When the short protection capacitor is charged to a level of approximately 0.65 V, the SR latch is set and the
low input voltage fault prevention circuit is enabled, turning the output drive transistor off. At the same time, the
dead time is set to 100% and the SCP pin (pin 14) is held “low.” This closes the S-R latch input and then
discharges the capacitor CPE
+
14
1
µA
CPE
SR
Latch
U.V.L.O.
2.50 V
Out
PWM
Comp.
Q3
Q1
S.C.P.Comp.
Error Amp.1
Error Amp.2
Error Amp.3
2.1 V
Figure 1
Protection Latch Circuit


Similar Part No. - MB3782PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3782PF FUJITSU-MB3782PF Datasheet
248Kb / 28P
   Switching Regulator Controller
More results

Similar Description - MB3782PF

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP3800 CERAMATE-CP3800 Datasheet
842Kb / 19P
   Switching Regulator Power Controller
logo
Global Mixed-mode Techn...
G5180 GMT-G5180 Datasheet
336Kb / 9P
   Switching Regulator Power Controller
G5180 GMT-G5180_15 Datasheet
105Kb / 1P
   Switching Regulator Power Controller
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
   Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Renesas Technology Corp
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
   ASSP (USB2.0 Device Controller)
M66291 RENESAS-M66291 Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
2004.11.01
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
logo
Fujitsu Component Limit...
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
   ASSP For power supply applications BIPOLAR Power Supply Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com