Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEI122NP-3R3M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEI122NP-3R3M
Description  POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEI122NP-3R3M Datasheet(HTML) 1 Page - Sumida Corporation

  CEI122NP-3R3M Datasheet HTML 1Page - Sumida Corporation CEI122NP-3R3M Datasheet HTML 2Page - Sumida Corporation CEI122NP-3R3M Datasheet HTML 3Page - Sumida Corporation CEI122NP-3R3M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER INDUCTORS <SMD Type: CEI Series>
Type: CEI122 , CEI122B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/4
12.5±0.3
MAX.3.0
1.6±0.2
1.6±0.2
3.4±0.2
Cu REVEALED PUT IN SECTION
0.85
2.8±0.2
16.0±0.2
12.5±0.3
1.95±0.3(BOTTOM)
Product Description
12.8×12.8mm Max.(L×W), 3.0mm Max. Height.
Both standard specification and high power specification are available.
Inductance Range: 1.2~22μH(Standard ); 0.7~15μH(High Power).
Inductance range : 0.68~6.1μH(Standard type ); 0.56~5.0μH (High Power type).
Saturation Current range: 2.3~10.7A(Standard type ) ;3.6~17.0A (High Power type).
Temperature rise current range: 2.3~6.6A(CEI122); 2.0~5.9A(CEI122B);
In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
Feature
Super high current iuductors, Low DCR.
Mn-Zn core used.
Ideally used in Notebook PC CPU power supply.
RoHS Compliance
Dimensions (mm)
CEI122
CEI122B


Similar Part No. - CEI122NP-3R3M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEI122 SUMIDA-CEI122 Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MB SUMIDA-CEI122-0R7MB Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MB-H SUMIDA-CEI122-0R7MB-H Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MB-HH SUMIDA-CEI122-0R7MB-HH Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CEI122-0R7MBH SUMIDA-CEI122-0R7MBH Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Similar Description - CEI122NP-3R3M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com