Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1110DK-868 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1110DK-868
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110DK-868 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1110DK-868 Datasheet HTML 6Page - Texas Instruments CC1110DK-868 Datasheet HTML 7Page - Texas Instruments CC1110DK-868 Datasheet HTML 8Page - Texas Instruments CC1110DK-868 Datasheet HTML 9Page - Texas Instruments CC1110DK-868 Datasheet HTML 10Page - Texas Instruments CC1110DK-868 Datasheet HTML 11Page - Texas Instruments CC1110DK-868 Datasheet HTML 12Page - Texas Instruments CC1110DK-868 Datasheet HTML 13Page - Texas Instruments CC1110DK-868 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 243 page
background image
CC1110Fx / CC1111Fx
SWRS033F
Page 10 of 242
7
Electrical Specifications
7.1
Current Consumption
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC1110EM reference design ([1]).
Parameter
Min
Typ
Max
Unit
Condition
5.0
mA
System clock running at 26 MHz.
4.8
mA
System clock running at 24 MHz.
Active mode, full
speed (high speed
crystal oscillator)
1.
Low CPU activity.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. No peripherals running.
Low CPU activity: No flash access (i.e. only cache hit), no RAM
access
Active mode, full
speed (HS
RCOSC)
1.
Low CPU activity.
2.5
mA
System clock running at 13 MHz.
Digital regulator on. HS RCOSC and low power RCOSC running. No
peripherals running.
Low CPU activity: No flash access (i.e. only cache hit), no RAM
access
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in RX mode (sensitivity optimized
MDMCFG2.DEM_DCFILT_OFF=0)
19
19.5
16.2
mA
mA
mA
1.2 kBaud, input at sensitivity limit, system clock running at 26 MHz.
1.2 kBaud, input at sensitivity limit, system clock running at 24 MHz
1.2 kBaud, input at sensitivity limit, system clock running at 203 kHz.
19
mA
1.2 kBaud, input well above sensitivity limit, system clock running at
26 MHz
19.4
mA
1.2 kBaud, input well above sensitivity limit, system clock running at
24 MHz
19
16.2
mA
mA
38.4 kBaud, input at sensitivity limit, system clock running at 26 MHz.
38.4 kBaud, input at sensitivity limit, system clock running at 203 kHz.
19
mA
38.4 kBaud, input well above sensitivity limit, system clock running at
26 MHz.
20
21
17.2
mA
mA
mA
250 kBaud, input at sensitivity limit, system clock running at 26 MHz
250 kBaud, input at sensitivity limit, system clock running at 24 MHz.
250 kBaud, input at sensitivity limit, system clock running at 1.625
MHz.
Active mode with
radio in RX,
315 MHz
20
20
mA
mA
250 kBaud, input well above sensitivity limit, system clock running at
26 MHz.
250 kBaud, input well above sensitivity limit, system clock running at
24 MHz.
1 Note: In order to reduce the current consumption in active mode, the clock speed can be reduced by
setting CLKCON.CLKSPD≠000 (see section 13.1 for details).Figure 1 shows typical current
consumption in active mode for different clock speeds


Similar Part No. - CC1110DK-868

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC1110DK-868 TAOS-CC1110DK-868 Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
More results

Similar Description - CC1110DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com