Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M01-HRMN6TG Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24M01-HRMN6TG
Description  1 Mbit serial I짼C bus EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HRMN6TG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24M01-HRMN6TG Datasheet HTML 5Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 6Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 7Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 8Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 9Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 10Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 11Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 12Page - STMicroelectronics M24M01-HRMN6TG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
M24M01-R
Signal description
9/30
2.5
VSS ground
VSS is the reference for the VCC supply voltage.
2.6
Supply voltage (VCC)
2.6.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 7). In order to
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a
suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.6.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. The VCC rise time must not
vary faster than 1 V/µs.
2.6.3
Device reset
In order to prevent inadvertent Write operations during power-up, a power on reset (POR)
circuit is included. At power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 7). When VCC passes over
the POR threshold, the device is reset and is in Standby Power mode.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops
below the Power On Reset threshold voltage, the device stops responding to any instruction
sent to it.
2.6.4
Power-down conditions
During power-down (continuous decrease in VCC), the device must be in the Standby Power
mode (mode reached after decoding a Stop condition, assuming that is there is no internal
Write cycle in progress).


Similar Part No. - M24M01-HRMN6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M01-HRMN6TG/A STMICROELECTRONICS-M24M01-HRMN6TG/A Datasheet
429Kb / 37P
   1 Mbit serial I짼C bus EEPROM
More results

Similar Description - M24M01-HRMN6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R_09 Datasheet
429Kb / 37P
   1 Mbit serial I짼C bus EEPROM
M24M01 STMICROELECTRONICS-M24M01 Datasheet
120Kb / 19P
   1 Mbit Serial I짼C Bus EEPROM
M24M01-R STMICROELECTRONICS-M24M01-R_12 Datasheet
376Kb / 38P
   1-Mbit serial I짼C bus EEPROM
M24M01-R STMICROELECTRONICS-M24M01-R_08 Datasheet
311Kb / 36P
   1 Mbit serial I짼C bus EEPROM
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
   1-Mbit serial SPI bus EEPROM
February 2017 Rev 14
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
   1 Mbit SPI Bus Serial EEPROM
2007
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
   1 Mbit SPI Bus Serial EEPROM
01/27/15
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com