Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6520SZ Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # SG6520SZ
Description  PC Power Supply Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6520SZ Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button SG6520SZ Datasheet HTML 5Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 6Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 7Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 8Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 9Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 10Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 11Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 12Page - Fairchild Semiconductor SG6520SZ Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product Specification
PC Power Supply Supervisors
SG6520
© System General Corp.
- 10 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.0.1 (IAO33.0041.B0)
September 28, 2007
APPLICATION NOTE
Over Current Protection (OCP)
The SG6520 provides over current protection for the
3.3V, 5V and two 12V rails. Whenever an OCP
condition occurs at any of the voltage rails, PGO will be
low and FPO will be open. The internal OCP
comparators have a very small offset voltage (±5mV).
The sink currents of IS33, IS5, IS12 and IS12B are 8
times the current at the RI pin. The current at the RI pin
is VRI/Ri. Here is an example demonstrating how to set
the over current protection.
If I1*R1>(IRI*8)*R2, than OCP active.
How to select R2 Resistor:
If R1 =5mΩ, Ri=30K, OCP Protection Level is 35A, than
R2 = (I1*R1)/(IRI*8)
= (35A*5mΩ)/{(1.25V/30K)*8}
= 525Ω


Similar Part No. - SG6520SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
SG6520ADY FAIRCHILD-SG6520ADY Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
More results

Similar Description - SG6520SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com