|
| CLQ5D16_06 |
|
|||
|
SUMIDA |
|
|
1 page
General Power Transformer<SMD Type: CLQ Series> Type: CLQ5D16 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 ◆ Product Description ・ 6.0×5.6mm Max.(L×W), 1.8mm Max.(Height) ・ In addition to the typical versions of parameters shown here, customer designs are available to meet your exact requirements ◆ Feature ・ Magnetically shielded construction. ・ Max. Operating frequency 1MHz, Max Operating Power 440mW (1MHz). ・ Ideally used in Digital camera, Digital video camera, LCD TV, Portable equipment. ・ RoHs Compliance ◆ Dimensions (mm) * Dimension does not include solder used on coil . ◆ Land Pattern (mm) ◆ Electrical Parameters Max. Operating frequency Max. Operating Power 130mW at 300kHz 220mW at 500kHz 1MHz 440mW at 1MHz |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMD-6LNL | General Power Transformer | 1 2 | Sumida Corporation |
| CEEH135 | General Power Transformer | 1 | Sumida Corporation |
| CEI-120 | General Power Transformer | 1 | Sumida Corporation |
| EI-16 | General Power Transformer | 1 | Sumida Corporation |
| EE1617 | General Power Transformer | 1 | Sumida Corporation |
| EE2225 | General Power Transformer | 1 | Sumida Corporation |
| CLQ4D18_07 | General Power Transformer | 1 | Sumida Corporation |
| EEH2023 | General Power Transformer | 1 | Sumida Corporation |
| CLQ4D22 | General Power Transformer | 1 | Sumida Corporation |
| CLQ4D27_06 | General Power Transformer | 1 | Sumida Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |