Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR43NP-4R7MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CR43NP-4R7MB
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR43NP-4R7MB Datasheet(HTML) 1 Page - Sumida Corporation

  CR43NP-4R7MB Datasheet HTML 1Page - Sumida Corporation CR43NP-4R7MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CR43
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CR Series>
Product Description
・4.8×4.3mm Max.(L×W), 3.5mm Max. Height.
・Inductance Range: 1.0~68μH
・Rated current range:0.37~2.56A
・In addition to the standard versions of inductors shown here, custom inductors are
available to meet your exact requirements.
Feature
・Magnetically unshielded construction.
・Ideally used in A/V equipment, LCD TV,DSC/DVC, Game Machine, DVC, HDD, Notebook PC,
etc as DC-DC Converter inductors.
・RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
4.5±0.3
3.2±0.3
※2.1
32
4
1
1
4
2
3
PART OF ELECTROD E
PA RT OF S ILK
R1.0
4.5


Similar Part No. - CR43NP-4R7MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR43 SUMIDA-CR43 Datasheet
124Kb / 2P
   XCCCPOWER INDUCTORS
logo
Linear Technology
CR43-150 LINER-CR43-150 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
CR43-220 LINER-CR43-220 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
CR43-3R3 LINER-CR43-3R3 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
CR43-4R7 MPS-CR43-4R7 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - CR43NP-4R7MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com