Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM5NNP-561 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CM5NNP-561
Description  General Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CM5NNP-561 Datasheet(HTML) 1 Page - Sumida Corporation

  CM5NNP-561 Datasheet HTML 1Page - Sumida Corporation CM5NNP-561 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Power Transformer <SMD Type: CM Series>
Type: CM-5N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
1. 0
3.5
◆ Product Description
・5.5×5.7mm Max.(L×W), 4.7mm Max. Height.
・Inductance range: 10μH∼5.6mH
・Rated current range: 21mA∼490mA
・5 Terminal pins’ type gives a flexible design as inductors or transformers.
・Custom design is available.
◆ Feature
・Magnetically shielded construction.
・Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB , Projector, Power supply
module etc as DC-DC Converter inductors or transformers.
・RoHS Compliance
◆ Dimensions (mm)
◆ Land Pattern (mm)
Specification (for transformers)
Sample
No.
Inductance (6-4)
100KHz/0.1V
D.C.R (6-4)
@ 20℃
6300-T045
387µH
6.2Ω
Max.
※ Schematics (Bottom)
“ S” is winding start.
1.6
4.7 MAX.
0.5±0.1
3.5±0.2
5.2±0.3
+40%
-20%
4
3
2
16
S
S
S


Similar Part No. - CM5NNP-561

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CM5NP-100 SUMIDA-CM5NP-100 Datasheet
36Kb / 2P
   General Power Transformer
CM5NP-101 SUMIDA-CM5NP-101 Datasheet
36Kb / 2P
   General Power Transformer
CM5NP-102 SUMIDA-CM5NP-102 Datasheet
36Kb / 2P
   General Power Transformer
CM5NP-120 SUMIDA-CM5NP-120 Datasheet
36Kb / 2P
   General Power Transformer
CM5NP-121 SUMIDA-CM5NP-121 Datasheet
36Kb / 2P
   General Power Transformer
More results

Similar Description - CM5NNP-561

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com