Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS05-166 Datasheet(PDF) 1 Page - Sumida Corporation

Part # PS05-166
Description  Current Sense Type: CS Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-166 Datasheet(HTML) 1 Page - Sumida Corporation

  PS05-166 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Current Sense <Pin Type: CS Series>
Type: CS1022
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
22 Max.
10.0 Max.
5.1
1
3
1
3
4.0 1.0
3
1
Product Description
17.5×10.0mm Max.(L×W), 22.0mm Max.(Height)
Custom design is available.
Feature
Maximum ratings specified with rated secondary terminating resistance and 1 turn primary.
Designed for switching power supply application.
Transformer meets IEC950 insulation requirement.
Operating Frequency range: 20kHz~200kHz.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Specification
Sample No.
Turns Ratio
Current
Rating (Pri.)
Secondary L
10kHz/0.1V
D.C.R. Sec.
(Ω Max.)
Hi-pot(Pri.-Sec.)
(50/60Hz)
PS05-166
1:200
20.0 A
123mH±35%
4.8
AC4000Vrms


Similar Part No. - PS05-166

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PS05-166 SUMIDA-PS05-166 Datasheet
105Kb / 2P
   Current Sense
PS05-166 SUMIDA-PS05-166 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - PS05-166

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS1420 SUMIDA-CS1420 Datasheet
172Kb / 1P
   Current Sense Transformer
SCR1021 SUMIDA-SCR1021 Datasheet
105Kb / 2P
   Current Sense
logo
Greystone Energy System...
CS625 GREYSTONE-CS625 Datasheet
170Kb / 2P
   CS-625 Series Current Switch
logo
E&E Magnetic Products L...
833-00016 EEMAGNETIC-833-00016 Datasheet
58Kb / 3P
   CURRENT SENSE TRANSFORMER,SMT, 12 PIN
833-00048 EEMAGNETIC-833-00048 Datasheet
38Kb / 3P
   INDUCTOR, CURRENT SENSE, TH,2 PIN
logo
Sumida Corporation
CEEH55 SUMIDA-CEEH55 Datasheet
127Kb / 1P
   Current Sense Transformer
CEEH1310 SUMIDA-CEEH1310 Datasheet
145Kb / 2P
   Current Sense Transformer
logo
E&E Magnetic Products L...
833-00054 EEMAGNETIC-833-00054 Datasheet
92Kb / 3P
   INDUCTOR, CURRENT SENSE, TH,4 PIN
logo
Caddock Electronics, In...
SR10 CADDOCK-SR10_17 Datasheet
355Kb / 1P
   Type SR Precision Current Sense Resistors
SR10 CADDOCK-SR10 Datasheet
427Kb / 1P
   Type SR Precision Current Sense Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com