Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB13NM50N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB13NM50N
Description  N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NM50N Datasheet(HTML) 3 Page - STMicroelectronics

  STB13NM50N Datasheet HTML 1Page - STMicroelectronics STB13NM50N Datasheet HTML 2Page - STMicroelectronics STB13NM50N Datasheet HTML 3Page - STMicroelectronics STB13NM50N Datasheet HTML 4Page - STMicroelectronics STB13NM50N Datasheet HTML 5Page - STMicroelectronics STB13NM50N Datasheet HTML 6Page - STMicroelectronics STB13NM50N Datasheet HTML 7Page - STMicroelectronics STB13NM50N Datasheet HTML 8Page - STMicroelectronics STB13NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STB13NM50N/-1 - STF13NM50N - STP13NM50N - STW13NM50N
Electrical ratings
3/17
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/TO-247
D²PAK/I²PAK
TO-220FP
VDS
Drain-source voltage (VGS=0)
500
V
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25°C
12
12 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
6
6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
48
48 (1)
A
PTOT
Total dissipation at TC = 25°C
100
25
W
dv/dt (3)
3.
ISD ≤12A, di/dt ≤400A/µs, VDD =80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1s;TC=25°C)
--
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220/TO-247
D²PAK/I²PAK
TO-220FP
Rthj-case
Thermal resistance junction-case max
1.25
5
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAS
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
3.5
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID=IAS, VDD= 50V)
200
mJ


Similar Part No. - STB13NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STB13NM50N-1 STMICROELECTRONICS-STB13NM50N-1 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
More results

Similar Description - STB13NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM50N STMICROELECTRONICS-STB25NM50N_07 Datasheet
514Kb / 18P
   N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com