Selected language     English  ▼


Y-5 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. Y-5
Description  Filter Coils
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 1 page
background image
Type: Y-5,Y-5G
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Filter Coils < Pin Type: Y-5 Series>
Product Description
6.1×6.1mm Max.(L×W), 8.0mm Max. Height.
Operating frequency:0.1~20MHz
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements
Feature
Variable(Y-5G) and fixed(Y-5) shielded types are both available.
Two chip capacitors can be internally mounted in one section.
Ideally used as video frequency LC filters for VCR, video cameras, etc.
(LPF, BPF, Delay Line and Equalizers).
RoHS Compliance
Dimensions (mm)
Y-5
Y-5G
5.8 ± 0. 3
MAX
.8. 0
3.0
+
1.0
-
0.5
2.5±0.3
2.5
5 .8 ±0.3
MAX. 8.0
3.0
+1 .0
± 0.3
-0.5




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CFB-6Filter Coils 1 2 Sumida Corporation
CY-4Filter Coils < SMD Type: CY Series> 1 2 Sumida Corporation
TFB-3Filter Coils 1 2 Sumida Corporation
YS-2Filter Coils 1 2 3 Sumida Corporation
YS-4Filter Coils < Pin Type: YS Series> 1 2 Sumida Corporation
CFB2-6Filter Coils < SMD Type: CFB Series> 1 2 Sumida Corporation
CH56WFilter Coils 1 2 Sumida Corporation
K5-SAdjustable Type Coils 1 2 3 4 Mitsumi Electronics, Corp.
CS53RF COILS < SMD Type: CS Series> 1 2 Sumida Corporation
NUF2116MN2 Line Audio EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl