Selected language     English  ▼


Y-5 Datasheet(PDF) 2 Page - Sumida Corporation

Part No. Y-5
Description  Filter Coils
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 2 page
background image
Type: Y-5,Y-5G
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Filter Coils < Pin Type: Y-5 Series>
Testing Circuit
Y-5
Specification
(Y-5, Part Number: 2539-JPS-030)
Item
Specification
Input impedance
(Rin)
470Ω
Output impedance (Rout)
6.8kΩ
7.0MHz
3.0dB±3.0dB within
Attenuation
11.2MHz
30dB Min..
Insertion loss
0.1MHz
1.0dB Max.
Frequency Response (Attenuation 0dB at 0.1MHz)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CFB-6Filter Coils 1 2 Sumida Corporation
CY-4Filter Coils < SMD Type: CY Series> 1 2 Sumida Corporation
TFB-3Filter Coils 1 2 Sumida Corporation
YS-2Filter Coils 1 2 3 Sumida Corporation
YS-4Filter Coils < Pin Type: YS Series> 1 2 Sumida Corporation
CFB2-6Filter Coils < SMD Type: CFB Series> 1 2 Sumida Corporation
CH56WFilter Coils 1 2 Sumida Corporation
K5-SAdjustable Type Coils 1 2 3 4 Mitsumi Electronics, Corp.
CS53RF COILS < SMD Type: CS Series> 1 2 Sumida Corporation
NUF2116MN2 Line Audio EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl