Electronic Components Datasheet Search
Selected language     English  ▼


Y-5 Datasheet(PDF) 3 Page - Sumida Corporation

Part No. Y-5
Description  Filter Coils
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 3 page
background image
Type: Y-5,Y-5G
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Filter Coils < Pin Type: Y-5 Series>
①②
Rint
R1
Rg
S.G.
R2
Rout
C1
C2
r2
E.V.
①②
Rint
R1
Rg
S.G.
R2
Rout
C1
C2
r2
E.V.
Testing Circuit
Y-5G
Specification
(Y-5G,Part Number: 2540-T024)
Item
Spec. A
Input impedance
(Rin)
1.8kΩ
Output impedance (Rout)
1.8kΩ
2.63MHz
3.0dB±3.0dB within
2.97MHz
3.0dB±3.0dB within
2.0MHz
18dB Min.
Attenuation
3.6MHz
18dB Min.
Insertion loss
2.8MHz
4.5dB Max.
Group delay time
2.8MHz
1230ns±250ns within
Frequency Response (Attenuation 0dB at 2.8MHz)
Rin=Rg+R1=1.8KΩ
Rout=1.8KΩ
C1=C2=430pF±2%




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CFB-6Filter Coils 1 2 Sumida Corporation
CY-4Filter Coils < SMD Type: CY Series> 1 2 Sumida Corporation
TFB-3Filter Coils 1 2 Sumida Corporation
YS-2Filter Coils 1 2 3 Sumida Corporation
YS-4Filter Coils < Pin Type: YS Series> 1 2 Sumida Corporation
CFB2-6Filter Coils < SMD Type: CFB Series> 1 2 Sumida Corporation
CH56WFilter Coils 1 2 Sumida Corporation
K5-SAdjustable Type Coils 1 2 3 4 Mitsumi Electronics, Corp.
CS53RF COILS < SMD Type: CS Series> 1 2 Sumida Corporation
NUF2116MN2 Line Audio EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl