Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHH-1M2012-221 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SHH-1M2012-221
Description  Multilayer Chip Ferrite Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SHH-1M2012-221 Datasheet(HTML) 2 Page - Sumida Corporation

  SHH-1M2012-221 Datasheet HTML 1Page - Sumida Corporation SHH-1M2012-221 Datasheet HTML 2Page - Sumida Corporation SHH-1M2012-221 Datasheet HTML 3Page - Sumida Corporation SHH-1M2012-221 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE
Multilayer Chip Ferrite Beads
——SHH-2012
2/4
*All specifications are subject to change without notice.
Electrical Parameters
lZl at 100MHz(
Ω)
Part No.
Typ.
min.
DC Resistance
(Ω) max.
Rated current
(mA) max.
SHH-1M2012-150□□
15
12
0.02
2500
SHH-1M2012-260□□
26
20
0.02
3000
SHH-1M2012-300□□
30
23
0.02
2500
SHH-1M2012-320□□
32
24
0.03
2500
SHH-1M2012-600□□
60
45
0.03
3800
SHH-1M2012-800□□
80
60
0.08
1500
SHH-1M2012-121□□
120
90
0.05
2500
SHH-1M2012-151□□
150
115
0.10
1500
SHH-1M2012-221□□
220
165
0.05
2200
SHH-1M2012-301□□
300
225
0.07
2000
SHH-1M2012-451□□
450
338
0.20
1000
SHH-1M2012-601□□
600
450
0.10
2000
SHH-1M2012-102□□
1000
750
0.30
800
SHH-1S2012-5R0□□
5.0
3.5
0.05
3000
SHH-1S2012-8R0□□
8.0
6.0
0.03
3000
SHH-1S2012-400□□
40
30
0.10
1800
SHH-1S2012-800□□
80
60
0.15
1500
SHH-1S2012-121□□
120
90
0.20
900
SHH-1S2012-221□□
220
165
0.20
900
SHH-1S2012-251□□
250
190
0.30
1000
SHH-1T2012-260□□
26
20
0.03
3500
SHH-1T2012-400□□
40
30
0.05
2000
SHH-1T2012-600□□
60
45
0.06
1500
SHH-1T2012-800□□
80
60
0.08
1000
SHH-1T2012-121□□
120
90
0.03
3000
SHH-1T2012-151□□
150
115
0.08
1000
SHH-1T2012-221□□
220
165
0.12
1000
SHH-1T2012-251□□
250
190
0.05
2800
SHH-1T2012-301□□
300
225
0.15
800
SHH-1T2012-331□□
330
250
0.15
800
SHH-1T2012-401□□
400
300
0.15
800
SHH-1T2012-601□□
600
450
0.25
600
SHH-1T2012-102□□
1000 (at 60MHz)
750
0.30
600
Parts with other electrical characteristics available upon request.
Test equipment : HP4291 + HP16192A
Electrical Characteristic Curves
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HH-1M2012-150J
Frequency [Hz]
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HH-1M2012-260J
Frequency [Hz]
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HH-1M2012-320J
Frequency [Hz]
S
S
S


Similar Part No. - SHH-1M2012-221

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-102 SUMIDA-SHH-1M1005-102 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-221 SUMIDA-SHH-1M1005-221 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-471 SUMIDA-SHH-1M1005-471 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-601 SUMIDA-SHH-1M1005-601 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results

Similar Description - SHH-1M2012-221

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M4516-600 SUMIDA-SHH-1M4516-600 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com