Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6318 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6318
Description  VFD Driver/Controller IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6318 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6318 Datasheet HTML 1Page - Princeton Technology Corp PT6318 Datasheet HTML 2Page - Princeton Technology Corp PT6318 Datasheet HTML 3Page - Princeton Technology Corp PT6318 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6318 v1.2
- 1 -
January, 2004
VFD Driver/Controller IC
PT6318
DESCRIPTION
PT6318 is a Vacuum Fluorescent Display (VFD) Controller driven on a 1/8 to 1/16 duty factor housed in
52-pin plastic QFP Package. Twelve segment output lines, 8 grid output lines, 8 segment/grid output
drive lines, one display memory, control circuit, key scan circuit are all incorporated into a single chip to
build a highly reliable peripheral device for a single chip micro computer. Serial data is fed to PT6318
via a three-line serial interface.
FEATURES
• CMOS Technology
• Low Power Consumption
• Key Scanning (12 x 4 matrix)
• Multiple Display Modes: (12 segments, 16 digits to 20 segments, 8 digits)
• 8-Step Dimming Circuitry
• LED Ports Provided (5 channels, 20 mA max.)
• 4- Bits General Purpose Input Ports Provided
• Serial Interface for Clock, Data Input, Data Output, Strobe Pins
• No External Resistors Needed for Driver Outputs
• Available in 52-pin QFP Package
APPLICATION
• Microcomputer Peripheral Device


Similar Part No. - PT6318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6310 TI-PT6310 Datasheet
373Kb / 2P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
logo
Texas Instruments
PT6311 TI-PT6311 Datasheet
373Kb / 2P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
PT6311-LQ PTC-PT6311-LQ Datasheet
411Kb / 22P
   VFD Driver/Controller IC
More results

Similar Description - PT6318

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
   VFD Driver/Controller IC
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
PT6315 PTC-PT6315_10 Datasheet
531Kb / 17P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com